Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9840 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9840
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9840 Datasheet HTML 13Page - NXP Semiconductors TDA9840 Datasheet HTML 14Page - NXP Semiconductors TDA9840 Datasheet HTML 15Page - NXP Semiconductors TDA9840 Datasheet HTML 16Page - NXP Semiconductors TDA9840 Datasheet HTML 17Page - NXP Semiconductors TDA9840 Datasheet HTML 18Page - NXP Semiconductors TDA9840 Datasheet HTML 19Page - NXP Semiconductors TDA9840 Datasheet HTML 20Page - NXP Semiconductors TDA9840 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
1998 Jul 03
17
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
Table 6
I2C-bus; SUBADDRESS/DATA for writing (X = 0 in the address byte)
Note
1. This byte is acknowledged by the TDA9840.
Function of the bits:
• SW6 to SW0 input and output AF selection; see Table 7
• LV3 to LV0 level adjustment; see Table 10
• ST5 to ST0 stereo adjustment; see Table 11.
Table 7
Data byte to select AF inputs and AF outputs [subaddress (00)HEX]
FUNCTION
SUBADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
Switching
0000 0000
0
SW6
SW5
SW4
SW3
SW2
SW1
SW0
Without function
(note 1)
0000 0001
00000000
Level adjustment
0000 0010
0000
LV3
LV2
LV1
LV0
Stereo adjustment
0000 0011
0
0
ST5
ST4
ST3
ST2
ST1
ST0
TRANSMISSION
MODE
INPUT SIGNAL
OUTPUT SIGNAL
DATA
ST/DS/M
EXT
MAIN
SCART
Vi1
PIN
7
Vi2
PIN
8
Vi3
PIN
9
Vi4
PIN
10
Vo1
PIN
14
Vo2
PIN
13
Vo3
PIN
12
Vo4
PIN
11
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Sound mute
−−
−
−
−
no signal
0
0
0
00000
00
MONO
M
M
−−−
M
M
M
M
00010000
10
STEREO
ST
S
R
−−
S
S
S
S
00010000
10
SR
−−
L
R
L
R
00101010
2A
DUAL
DS
A
B
−−
A
B
A
A
00010010
12
AB
−−
A
B
A
B
00011010
1A
AB
−−
A
B
B
A
00010110
16
AB
−−
A
B
B
B
00011110
1E
External
−−
−
C
D
C
D
C
D
01111010
7A
Table 8
Explanation of Table 7
SIGNAL
DESCRIPTION
R
right
L
left
S
A and B
dual sound A/B
LR
+
()
2
--------------------
C
NICAM or AM sound (standard L)
D
NICAM
M
mono sound
DS
dual sound
ST
stereo sound
SIGNAL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com