Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9840 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9840
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9840 Datasheet HTML 1Page - NXP Semiconductors TDA9840 Datasheet HTML 2Page - NXP Semiconductors TDA9840 Datasheet HTML 3Page - NXP Semiconductors TDA9840 Datasheet HTML 4Page - NXP Semiconductors TDA9840 Datasheet HTML 5Page - NXP Semiconductors TDA9840 Datasheet HTML 6Page - NXP Semiconductors TDA9840 Datasheet HTML 7Page - NXP Semiconductors TDA9840 Datasheet HTML 8Page - NXP Semiconductors TDA9840 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
TDA9840
mute
LEVEL AND
STEREO
ADJUSTMENT
DIGITAL
PLL
OSCILLATOR
V
i 1
DIGITAL PLL
AND
DEMODULATOR
DIGITAL PLL
AND
DEMODULATOR
DIGITAL
INTEGRATOR
DIGITAL
INTEGRATOR
GENERATION
OF
REFERENCE
VOLTAGES
I C-BUS
CONTROL
2
CONTROL
LOGIC
1
20
SCL
SDA
11
12
13
14
MAIN
SCART
500 mV RMS
500 mV RMS
500 mV RMS
500 mV RMS
Ω
5 k
Ω
5 k
15
17
9
10
10 nF
10 nF
10 k
Ω
10 k
Ω
40 k
Ω
40 k
Ω
7
8
250 mV RMS
(from 1st SC)
2.2
µF
2.2
µF
30 k
Ω
47 pF
3.3 nF
2.5 mH
100 nF
10
µF
10 nF
5
4
2
3
25 k
Ω
25 k
Ω
V
ref
19
6
18
16
100
µF /
16 V
10 MHz
DUAL bit
STEREO
bit
L
R/B
250 mV RMS
L/A/MONO
250 mV RMS
2.2
µF
2.2
µF
500 mV RMS
250 mV RMS
(from 2nd SC)
C
AGC
C
LP
C
DCL
C
D1
C
D2
1/2 V
GND
XTAL
P
V
i 2
V
i pil
V
o 1
V
i 3
V
i 4
V
o 2
V
o 3
Vo 4
0 to 4.5 dB
stereo
level
V
P
C
ref
10 k
Ω
−2 dB
−2 dB
0 to 4.5 dB
10 k
Ω
0 to
−0.4 dB
A/MONO
6 dB
6 dB
6 dB
6 dB
Ω
25 k
Ω
25 k
Ω
25 k
Ω
25 k
POWER-ON
RESET
L+R
2
, A
R, B
±5%
±5%
Q
0 = 70
tan
δ
≤ 0.002
MBE457
Input and output levels are nominal values.
They are related to the SCART norm.
(AM: m = 0.54, FM:
∆f= ±27 kHz).
Fig.1 Block diagram of the bipolar TV/VTR-stereo decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com