Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9840 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9840
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9840 Datasheet HTML 9Page - NXP Semiconductors TDA9840 Datasheet HTML 10Page - NXP Semiconductors TDA9840 Datasheet HTML 11Page - NXP Semiconductors TDA9840 Datasheet HTML 12Page - NXP Semiconductors TDA9840 Datasheet HTML 13Page - NXP Semiconductors TDA9840 Datasheet HTML 14Page - NXP Semiconductors TDA9840 Datasheet HTML 15Page - NXP Semiconductors TDA9840 Datasheet HTML 16Page - NXP Semiconductors TDA9840 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1998 Jul 03
13
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
Notes
1. Input control amplifiers with
∆Gv = 0 dB.
2. Input control amplifiers with
∆Gv = −2 dB.
3. Vo = 0.5 V RMS value; f = 1 kHz; input control amplifiers with ∆Gv = 0 dB.
4. Without de-emphasis capacitors with respect to nominal gain.
5. In dual mode: A (B)-signal into B (A) channel.
In stereo mode: R-signal into left channel; L-signal = 0.
6. Test procedure tbf (same as TDA9855).
7. Tuner input signal, measured with PCALH reference front end (1
⁄2EMF, 75 Ω, 2T/20T/white bar, 100% video) and
PC/SC1 = 13 dB; PC/SC2 = 20 dB. The pilot band-pass has to be aligned.
8. Bandwidth of the pilot BP-filter B−3dB = 1.2 kHz. Vi2 input driven with identification-modulated pilot carrier and white
noise.
9. Identification window is defined as total pull-in frequency range (lower plus upper side) of identification PLL (steady
detection) plus window increase due to integrator (fluctuating detection).
10. The maximum total system identification time ON is equal to tident(on) plus tacqui AGC plus tI2C read-out.
11. The maximum total system identification time OFF is equal to tident(off) plus tI2C read-out.
I2C-bus transceiver (pins 1 and 20)
fCI
clock frequency
0
−
100
kHz
I2C-bus: SCL (pin 20)
VIL
LOW level input voltage
−0.3
−
1.5
V
VIH
HIGH level input voltage
3.0
−
5.5
V
tlow
timing LOW period
4.7
−−
µs
thigh
timing HIGH period
4.0
−−
µs
tr
rise time
−−
1
µs
tf
fall time
−−
0.3
µs
IIL
LOW level input current
−−
−10
µA
IIH
HIGH level input current
−−
10
µA
I2C-bus: SDA (pin 1)
VIL
LOW level input voltage
−0.3
−
1.5
V
VIH
HIGH level input voltage
3.0
−
5.5
V
tr
rise time
−−
1
µs
tf
fall time
−−
0.3
µs
tsu
data set-up time
0.25
−−
µs
IIL
LOW level input current
−−
−10
µA
IOL
LOW level output current
−3
−−
mA
IIH
HIGH level input current
−−
10
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com