Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9840 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9840
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9840 Datasheet HTML 1Page - NXP Semiconductors TDA9840 Datasheet HTML 2Page - NXP Semiconductors TDA9840 Datasheet HTML 3Page - NXP Semiconductors TDA9840 Datasheet HTML 4Page - NXP Semiconductors TDA9840 Datasheet HTML 5Page - NXP Semiconductors TDA9840 Datasheet HTML 6Page - NXP Semiconductors TDA9840 Datasheet HTML 7Page - NXP Semiconductors TDA9840 Datasheet HTML 8Page - NXP Semiconductors TDA9840 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1998 Jul 03
2
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
FEATURES
• Supply voltage 5 to 8 V
• De-emphasis
• Source selector
• Level and stereo matrix adjustment possible via the
I2C-bus
• I2C-bus transceiver
• AF inputs for NICAM or AM sound (standard L)
• AF outputs for Main and SCART
• AF input and output signals selectable via the I2C-bus
• Information for identified transmission mode is readable
via I2C-bus
• Software is compatible with the TDA8415/16/17
• Quartz oscillator and clock generator
• Three digital PLL, alignment-free
• Two digital integrators, alignment-free
• Stabilizer circuit for ripple rejection and constant output
signals
• ESD protection of all pins.
GENERAL DESCRIPTION
The TDA9840 is a stereo/dual sound processor for TV and
VTR sets. Its identification ensures safe operation by using
internal digital PLL technique with extremely small
bandwidth, synchronous detection and digital integration
(switching time maximum 2.3 s; identification concerning
the main functions).
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9840
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
TDA9840T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com