Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200 Datasheet(PDF) 76 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 76 Page - Intel Corporation

Back Button C200 Datasheet HTML 72Page - Intel Corporation C200 Datasheet HTML 73Page - Intel Corporation C200 Datasheet HTML 74Page - Intel Corporation C200 Datasheet HTML 75Page - Intel Corporation C200 Datasheet HTML 76Page - Intel Corporation C200 Datasheet HTML 77Page - Intel Corporation C200 Datasheet HTML 78Page - Intel Corporation C200 Datasheet HTML 79Page - Intel Corporation C200 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
Documentation Changes
76
Specification Update
33.
SPI Required Region Correction
The second paragraph of section 5.24.1.2.1 SPI Flash Regions is changed to the
following:
Only three masters can access the four regions: Host processor running BIOS code,
Integrated Gigabit Ethernet and Host processor running Gigabit Ethernet Software, and
Intel Management Engine. The Flash Descriptor and Intel ME region are the only
required regions. The Flash Descriptor has to be in Region 0 and Region 0 must be
located in the first sector of Device 0 (offset 10).
34.
High Precision Event Timers Functional Description
a. The following replaces section 5.17:
5.17 High Precision Event Timers (HPET)
This function provides a set of timers that can be used by the operating system. The
timers are defined such that the operating system may be able to assign specific timers
to be used directly by specific applications. Each timer can be configured to cause a
separate interrupt.
The PCH provides eight timers. The timers are implemented as a single counter, and
each timer has its own comparator and value register. The counter increases
monotonically. Each individual timer can generate an interrupt when the value in its
value register matches the value in the main counter.
The registers associated with these timers are mapped to a memory space (much like
the I/O APIC). However, it is not implemented as a standard PCI function. The BIOS
reports to the operating system the location of the register space. The hardware can
support an assignable decode space; however, the BIOS sets this space prior to
handing it over to the operating system. It is not expected that the operating system
will move the location of these timers once it is set by the BIOS.
5.17.1 Timer Accuracy
1. The timers are accurate over any 1 ms period to within 0.05% of the time specified
in the timer resolution fields.
2. Within any 100 microsecond period, the timer reports a time that is up to two ticks
too early or too late. Each tick is less than or equal to 100 ns, so this represents an
error of less than 0.2%.
3. The timer is monotonic. It does not return the same value on two consecutive
reads (unless the counter has rolled over and reached the same value).
The main counter is clocked by the 14.31818 MHz clock. The accuracy of the main
counter is as accurate as the 14.31818 MHz clock.
5.17.2 Interrupt Mapping
The interrupts associated with the various timers have several interrupt mapping
options. When reprogramming the HPET interrupt routing scheme (LEG_RT_CNF bit in
the General Configuration Register), a spurious interrupt may occur. This is because the
other source of the interrupt (8254 timer) may be asserted. Software should mask
interrupts prior to clearing the LEG_RT_CNF bit.
Mapping Option #1 (Legacy Replacement Option)
In this case, the Legacy Replacement Rout bit (LEG_RT_CNF) is set. This forces the
mapping found in Table 5-41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com