Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200 Datasheet(PDF) 40 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 40 Page - Intel Corporation

Back Button C200 Datasheet HTML 36Page - Intel Corporation C200 Datasheet HTML 37Page - Intel Corporation C200 Datasheet HTML 38Page - Intel Corporation C200 Datasheet HTML 39Page - Intel Corporation C200 Datasheet HTML 40Page - Intel Corporation C200 Datasheet HTML 41Page - Intel Corporation C200 Datasheet HTML 42Page - Intel Corporation C200 Datasheet HTML 43Page - Intel Corporation C200 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
Specification Clarifications
40
Specification Update
d. Table 2-13 is modified as shown:
19.
t203 Deep S3/S4 Exit Clarification
The following note is added to t203 in table 8-37:
Timing does not apply after Deep S3/S4 exit when Intel ME has configured SLP_S5#
and/or SLP_S4# to rise with SLP_A#.
20.
RAID 1 Description
The second bullet of section 5.16.7 Intel® Rapid Storage Technology Configuration is
changed to:
Data redundancy is offered through RAID Level 1, which performs mirroring.
21.
V_PROC_IO Definition
Table 2-26 Power and Ground Signals is modified as shown:
22.
Manageability Signals Clarifications
The following replaces section 2.25:
2.25 Manageability Signals
The following signals can be optionally used by Intel Management Engine supported
applications and appropriately configured by Intel Management Engine firmware. When
configured and used as a manageability function, the associated host GPIO
functionality is no longer available. If the manageability function is not used in a
platform, the signal can be used as a host General Purpose I/O or a native function.
Name
Type
Description
RTCRST#
I
RTC Reset: When asserted, this signal resets register bits in the RTC
well.
NOTES:
1.
Unless CMOS is being cleared (only to be done in the G3 power
state), the RTCRST# input must always be high when all other
RTC power planes are on.
2.
In the case where the RTC battery is dead or missing on the
platform, the RTCRST# pin must rise before the DPWROK pin.
Name
Description
VccDMI
Power supply for DMI. For 3rd generation Intel® Core™ processors-based
platforms, this supply can be connected to the PCH VccIO. For 2nd generation
Intel® Core™ processors-based platforms, this supply must be connected to
the same supply as the processor I/O voltage.
V_PROC_IO
This supply is used to drive the processor interface signals. For 3rd generation
Intel® Core™ processors-based platforms, this supply can be connected to
the PCH VccIO. For 2nd generation Intel® Core™ processors-based platforms,
this supply must be connected to the same supply as the processor I/O
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com