Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200 Datasheet(PDF) 21 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 21 Page - Intel Corporation

Back Button C200 Datasheet HTML 17Page - Intel Corporation C200 Datasheet HTML 18Page - Intel Corporation C200 Datasheet HTML 19Page - Intel Corporation C200 Datasheet HTML 20Page - Intel Corporation C200 Datasheet HTML 21Page - Intel Corporation C200 Datasheet HTML 22Page - Intel Corporation C200 Datasheet HTML 23Page - Intel Corporation C200 Datasheet HTML 24Page - Intel Corporation C200 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Specification Update
21
Errata
14.
SATA Ports 2-5 Issue
Problem:
Due to a circuit design issue on Intel 6 Series Chipset and Intel C200 Series Chipset,
electrical lifetime wear out may affect clock distribution for SATA ports 2-5. This may
manifest itself as a functional issue on SATA ports 2-5 over time.
• The electrical lifetime wear out may result in device oxide degradation which over
time can cause drain to gate leakage current.
• This issue has time, temperature and voltage sensitivities.
Implication: The increased leakage current may result in an unstable clock and potentially functional
issues on SATA ports 2-5 in the form of receive errors, transmit errors, and
unrecognized drives.
• Data saved or stored prior to functional issues on a SATA device will be retrievable
if connected to a working SATA port.
• SATA ports 0-1 are not affected by this design issue as they have separate clock
generation circuitry.
Workaround: Intel has worked with board and system manufacturers to identify and implement
solutions for affected systems.
• Use only SATA ports 0-1.
• Use an add-in PCIe SATA bridge solution.
Status:
Fixed. For steppings affected, see the Summary Table of Changes.
• This issue has been resolved with a silicon stepping for all Intel 6 Series Chipset
and Intel C200 Series Chipset incorporating a minor metal layer change.
• The fix does not impact the designed functionality and electrical specifications of
the Intel 6 Series Chipset and Intel C200 Series Chipset.
15.
Intel® ME Clock Throttling Failure Causes Hang
Problem:
When the Intel® Management Engine (Intel® ME) firmware sets the internal clock
frequency, the Intel ME clock may stop toggling, potentially causing the Intel®
Management Engine Interface to become unresponsive.
Implication: Parts that exhibit this issue may hang during POST.
Note:
No functional failures have been seen due to this issue.
Workaround: An Intel® ME Firmware code change has been identified and may be implemented as a
workaround for this erratum.
Status:
No Plan to Fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com