Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200 Datasheet(PDF) 39 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 39 Page - Intel Corporation

Back Button C200 Datasheet HTML 35Page - Intel Corporation C200 Datasheet HTML 36Page - Intel Corporation C200 Datasheet HTML 37Page - Intel Corporation C200 Datasheet HTML 38Page - Intel Corporation C200 Datasheet HTML 39Page - Intel Corporation C200 Datasheet HTML 40Page - Intel Corporation C200 Datasheet HTML 41Page - Intel Corporation C200 Datasheet HTML 42Page - Intel Corporation C200 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
Specification Update
39
Specification Clarifications
e. Note 6 is added to the “Straight to S5 (Host Stays there) column in Table 5-38
Causes of Host and Global Resets:
6. Upon entry to S5, if Deep S4/S5 is enabled and conditions are met per section
5.13.7.6, the system will transition to Deep S4/S5.
f. Bits 11 and 8 of section 13.8.3.1 PM1_STS—Power Management 1 Status Register
are modified as shown.
18.
Power Management Clarifications
a. Clarify t200 timing by adding the following note to table 8-37:
Note: Measured from VccRTC-10% to RTCRST# reaching 55%*VccRTC. VccRTC is
defined as the final settling voltage that the rail ramps.
b. Delete t226 (in table 8-37, figure 8-1, and figure 8-2) as it is replaced by t200a.
c. t200a min timing is changed from 0 ms to 1 us.
Bit
Description
11
Power Button Override Status (PWRBTNOR_STS) — R/WC.
0 = Software clears this bit by writing a 1 to it.
1 = This bit is set any time a Power Button Override occurs (that is, the power button is
pressed for at least 4 consecutive seconds), due to the corresponding bit in the
SMBus slave message, Intel ME Initiated Power Button Override, Intel ME Initiated
Host Reset with Power down or due to an internal thermal sensor catastrophic
condition. The power button override causes an unconditional transition to the S5
state. The BIOS or SCI handler clears this bit by writing a 1 to it. This bit is not
affected by hard resets using CF9h writes, and is not reset by RSMRST#. Thus, this
bit is preserved through power failures. Note that if this bit is still asserted when
the global SCI_EN is set then an SCI will be generated.
NOTE: Upon entry to S5 due to an event described above, if Deep S4/S5 is enabled
and conditions are met per section 5.13.7.6, the system will transition to Deep
S4/S5.
8
Power Button Status (PWRBTN__STS) — R/WC. This bit is not affected by hard
resets caused by a CF9 write but is reset by DPWROK.
0 = If the PWRBTN# signal is held low for more than 4 seconds, the hardware clears
the PWRBTN_STS bit, sets the PWRBTNOR_STS bit, and the system transitions to
the S5 state with only PWRBTN# enabled as a wake event.
This bit can be cleared by software by writing a one to the bit position.
1 = This bit is set by hardware when the PWRBTN# signal is asserted Low, independent
of any other enable bit.
In the S0 state, while PWRBTN_EN and PWRBTN_STS are both set, an SCI (or
SMI# if SCI_EN is not set) will be generated.
In any sleeping state S1–S5, while PWRBTN_EN (PMBASE + 02h, bit 8) and
PWRBTN_STS are both set, a wake event is generated.
NOTES:
1.
If the PWRBTN_STS bit is cleared by software while the PWRBTN# signal is sell
asserted, this will not cause the PWRBN_STS bit to be set. The PWRBTN# signal
must go inactive and active again to set the PWRBTN_STS bit.
2.
Upon entry to S5 due to a power button override, if Deep S4/S5 is enabled and
conditions are met per section 5.13.7.6, the system will transition to Deep
S4/S5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com