Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200 Datasheet(PDF) 13 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 13 Page - Intel Corporation

Back Button C200 Datasheet HTML 9Page - Intel Corporation C200 Datasheet HTML 10Page - Intel Corporation C200 Datasheet HTML 11Page - Intel Corporation C200 Datasheet HTML 12Page - Intel Corporation C200 Datasheet HTML 13Page - Intel Corporation C200 Datasheet HTML 14Page - Intel Corporation C200 Datasheet HTML 15Page - Intel Corporation C200 Datasheet HTML 16Page - Intel Corporation C200 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
Specification Update
13
PCH Device and Revision Identification
PCH Device and Revision Identification
The Revision ID (RID) is an 8-bit register located at offset 08h in the PCI header of
every PCI device and function. The assigned value is based on the product’s stepping.
PCH Device and Revision ID Table (Sheet 1 of 3)
Device
Function
Description
Dev ID
B2
Rev ID
B3
Rev ID
Comments
D31:F0
LPC
1C4Eh
05h
Intel® Q67 Chipset
1C4Ch
05h
Intel® Q65 Chipset
1C50h
05h
Intel® B65 Chipset
1C4Ah
04h
05h
Intel® H67 Chipset
1C44h
05h
Intel® Z68 Chipset
1C46h
04h
05h
Intel® P67 Chipset
1C5Ch
05h
Intel® H61 Chipset
1C52h
05h
Intel® C202 Chipset
1C54h
05h
Intel® C204 Chipset
1C56h
05h
Intel® C206 Chipset
1C4Fh
05h
Intel® QM67 Chipset
1C47h
05h
Intel® UM67 Chipset
1C4Bh
04h
05h
Intel® HM67 Chipset
1C49h
04h
05h
Intel® HM65 Chipset
1C4Dh
05h
Intel® QS67 Chipset
D31:F2
SATA1
1C00h
04h
05h
Desktop: Non-AHCI and Non-RAID Mode (Ports
0-3)
1C02h
04h
05h
Desktop: AHCI (Ports 0-5)
2822h2
04h
05h
Desktop: Intel® Rapid Storage Technology RAID
with or without Intel® Smart Response
Technology (Ports 0-5) (AIE bit = 0)
1C04h2
04h
05h
Desktop (all RAID-capable SKUs except Intel Z68
Chipset): RAID Capable3 (Ports 0-5) (AIE bit = 1)
1C06h2
04h
05h
Desktop (Intel Z68 Chipset only): RAID Capable3
(Ports 0-5) (AIE bit = 1)
1C01h
04h
05h
Mobile: Non-AHCI and Non-RAID Mode (Ports 0-3)
1C03h
04h
05h
Mobile: AHCI (Ports 0-5)
282Ah2
04h
05h
Mobile: Intel Rapid Storage Technology RAID
(Ports 0-5) (AIE bit = 0)
1C05h2
04h
05h
Mobile: RAID Capable3 (Ports 0-5) (AIE bit = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com