Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200 Datasheet(PDF) 26 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 26 Page - Intel Corporation

Back Button C200 Datasheet HTML 22Page - Intel Corporation C200 Datasheet HTML 23Page - Intel Corporation C200 Datasheet HTML 24Page - Intel Corporation C200 Datasheet HTML 25Page - Intel Corporation C200 Datasheet HTML 26Page - Intel Corporation C200 Datasheet HTML 27Page - Intel Corporation C200 Datasheet HTML 28Page - Intel Corporation C200 Datasheet HTML 29Page - Intel Corporation C200 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
Specification Changes
26
Specification Update
h. 13.1.27 ULKMC — USB Legacy Keyboard / Mouse Control Register bit 5 is modified
as shown:
i. Section 13.7.3 name changed from PORT92—Fast A20 and Init Register to
PORT92—Init Register and bit 1 is modified as shown:
§ §
Bit
Description
5
A20Gate Pass-Through Enable (A20PASSEN) — R/W.
0 = Disable.
1 = Enable. Allows A20GATE sequence Pass-Through function. A specific cycle
sequence involving writes to port 60h and 64h does not result in the setting of the
SMI status bits.
NOTE: A20M# functionality is not supported.
Bit
Description
1
Alternate A20 Gate (ALT_A20_GATE) — R/W. Functionality reserved. A20M#
functionality is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com