Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 117Page - Microchip Technology PIC16F-E/ML Datasheet HTML 118Page - Microchip Technology PIC16F-E/ML Datasheet HTML 119Page - Microchip Technology PIC16F-E/ML Datasheet HTML 120Page - Microchip Technology PIC16F-E/ML Datasheet HTML 121Page - Microchip Technology PIC16F-E/ML Datasheet HTML 122Page - Microchip Technology PIC16F-E/ML Datasheet HTML 123Page - Microchip Technology PIC16F-E/ML Datasheet HTML 124Page - Microchip Technology PIC16F-E/ML Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 119
PIC16F627A/628A/648A
BTFSS
Bit Test f, Skip if Set
Syntax:
[ label ] BTFSS f,b
Operands:
0
≤ f ≤ 127
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Encoding:
01
11bb
bfff
ffff
Description:
If bit ‘b’ in register ‘f’ is ‘1’, then
the next instruction is skipped.
If bit ‘b’ is ‘1’, then the next
instruction fetched during the
current instruction execution, is
discarded and a NOP is executed
instead, making this a two-cycle
instruction.
Words:
1
Cycles:
1(2)
Example
HERE
FALSE
TRUE
BTFSS
GOTO
•
•
•
REG1
PROCESS_CODE
Before Instruction
PC = address HERE
After Instruction
if FLAG<1> = 0,
PC =
address FALSE
if FLAG<1> = 1,
PC =
address TRUE
CALL
Call Subroutine
Syntax:
[ label ] CALL k
Operands:
0
≤ k ≤ 2047
Operation:
(PC)+ 1
→ TOS,
k
→ PC<10:0>,
(PCLATH<4:3>)
→ PC<12:11>
Status Affected:
None
Encoding:
10
0kkk
kkkk
kkkk
Description:
Call Subroutine. First, return
address (PC + 1) is pushed onto
the stack. The eleven bit imme-
diate address is loaded into PC
bits <10:0>. The upper bits of
the PC are loaded from
PCLATH. CALL is a two-cycle
instruction.
Words:
1
Cycles:
2
Example
HERE
CALL
THERE
Before Instruction
PC
=
Address HERE
After Instruction
PC
=
Address THERE
TOS =
Address HERE+1
CLRF
Clear f
Syntax:
[ label ] CLRF
f
Operands:
0
≤ f ≤ 127
Operation:
00h
→ (f)
1
→ Z
Status Affected:
Z
Encoding:
00
0001
1fff
ffff
Description:
The contents of register ‘f’ are
cleared and the Z bit is set.
Words:
1
Cycles:
1
Example
CLRF
REG1
Before Instruction
REG1
=
0x5A
After Instruction
REG1
=
0x00
Z=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com