Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 119Page - Microchip Technology PIC16F-E/ML Datasheet HTML 120Page - Microchip Technology PIC16F-E/ML Datasheet HTML 121Page - Microchip Technology PIC16F-E/ML Datasheet HTML 122Page - Microchip Technology PIC16F-E/ML Datasheet HTML 123Page - Microchip Technology PIC16F-E/ML Datasheet HTML 124Page - Microchip Technology PIC16F-E/ML Datasheet HTML 125Page - Microchip Technology PIC16F-E/ML Datasheet HTML 126Page - Microchip Technology PIC16F-E/ML Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 121
PIC16F627A/628A/648A
DECFSZ
Decrement f, Skip if 0
Syntax:
[ label ] DECFSZ f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - 1
→ (dest);
skip if result =
0
Status Affected:
None
Encoding:
00
1011
dfff
ffff
Description:
The contents of register ‘f’ are
decremented. If ‘d’ is ‘0’, the
result is placed in the W register.
If ‘d’ is ‘1’, the result is placed
back in register ‘f’.
If the result is ‘0’, the next
instruction, which is already
fetched, is discarded. A NOP is
executed instead making it a
two-cycle instruction.
Words:
1
Cycles:
1(2)
Example
HERE
DECFSZ
REG1, 1
GOTO
LOOP
CONTINUE •
•
•
Before Instruction
PC
= address HERE
After Instruction
REG1
= REG1 - 1
if REG1 = 0,
PC
= address CONTINUE
if REG1
≠ 0,
PC
= address HERE+1
GOTO
Unconditional Branch
Syntax:
[ label ]
GOTO k
Operands:
0
≤ k ≤ 2047
Operation:
k
→ PC<10:0>
PCLATH<4:3>
→ PC<12:11>
Status Affected:
None
Encoding:
10
1kkk
kkkk
kkkk
Description:
GOTO
is an unconditional
branch. The eleven-bit immedi-
ate value is loaded into PC bits
<10:0>. The upper bits of PC
are loaded from PCLATH<4:3>.
GOTO
is a two-cycle instruction.
Words:
1
Cycles:
2
Example
GOTO THERE
After Instruction
PC = Address THERE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com