Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 141Page - Microchip Technology PIC16F-E/ML Datasheet HTML 142Page - Microchip Technology PIC16F-E/ML Datasheet HTML 143Page - Microchip Technology PIC16F-E/ML Datasheet HTML 144Page - Microchip Technology PIC16F-E/ML Datasheet HTML 145Page - Microchip Technology PIC16F-E/ML Datasheet HTML 146Page - Microchip Technology PIC16F-E/ML Datasheet HTML 147Page - Microchip Technology PIC16F-E/ML Datasheet HTML 148Page - Microchip Technology PIC16F-E/ML Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 143
PIC16F627A/628A/648A
TABLE 17-5:
PRECISION INTERNAL OSCILLATOR PARAMETERS
Legend: TBD = To Be Determined.
* Characterized but not tested.
FIGURE 17-5:
CLKOUT AND I/O TIMING
Parameter
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
F10
FIOSC
Oscillator Center frequency
—4
—
MHz
F13
ΔIOSC
Oscillator Accuracy
3.9644.04
MHz VDD = 3.5 V, 25
°C
3.92
4
4.08
MHz 2.0V
≤ VDD ≤ 5.5V
0
°C ≤ TA ≤ +85°C
3.80
4
4.20
MHz 2.0V
≤ VDD ≤ 5.5V
-40
°C ≤ TA ≤ +85°C (IND)
-40
°C ≤ TA ≤ +125°C (EXT)
F14*
TIOSCST
Oscillator Wake-up from Sleep
start-up time
—6
8
μsVDD = 2.0V, -40°C to +85°C
—4
6
μsVDD = 3.0V, -40°C to +85°C
—3
5
μsVDD = 5.0V, -40°C to +85°C
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
22
23
19
18
15
11
12
16
Old Value
New Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com