Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 143Page - Microchip Technology PIC16F-E/ML Datasheet HTML 144Page - Microchip Technology PIC16F-E/ML Datasheet HTML 145Page - Microchip Technology PIC16F-E/ML Datasheet HTML 146Page - Microchip Technology PIC16F-E/ML Datasheet HTML 147Page - Microchip Technology PIC16F-E/ML Datasheet HTML 148Page - Microchip Technology PIC16F-E/ML Datasheet HTML 149Page - Microchip Technology PIC16F-E/ML Datasheet HTML 150Page - Microchip Technology PIC16F-E/ML Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 145
PIC16F627A/628A/648A
FIGURE 17-7:
BROWN-OUT RESET TIMING
TABLE 17-7:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER REQUIREMENTS
FIGURE 17-8:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TMCLMCLR Pulse Width (low)
2000
—
—
ns
VDD = 5V, -40°C to +85°C
31
TWDT
Watchdog Timer Time out Period
(No Prescaler)
7*
18
33*
ms
VDD = 5V, -40°C to +85°C
32
TOST
Oscillation Start-up Timer Period
—
1024 TOSC
——
TOSC = OSC1 period
33
TPWRT
Power-up Timer Period
28*
72
132*
ms
VDD = 5V, -40°C to +85°C
34
TIOZ
I/O High-impedance from MCLR
Low or Watchdog Timer Reset
—
—
2.0*
μs
35
TBOR
Brown-out Reset pulse width
100*
—
—
μsVDD ≤ VBOR (D005)
Legend:
TBD = To Be Determined.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
VDD
VBOR
35
46
47
45
48
41
42
40
RA4/T0CKI/CMP2
RB6/T1OSO/T1CKI/PGC
TMR0 OR
TMR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com