Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 155Page - Microchip Technology PIC16F-E/ML Datasheet HTML 156Page - Microchip Technology PIC16F-E/ML Datasheet HTML 157Page - Microchip Technology PIC16F-E/ML Datasheet HTML 158Page - Microchip Technology PIC16F-E/ML Datasheet HTML 159Page - Microchip Technology PIC16F-E/ML Datasheet HTML 160Page - Microchip Technology PIC16F-E/ML Datasheet HTML 161Page - Microchip Technology PIC16F-E/ML Datasheet HTML 162Page - Microchip Technology PIC16F-E/ML Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 157
PIC16F627A/628A/648A
FIGURE 18-16:
INTERNAL OSCILLATOR IDD vs. VDD – SLOW MODE
FIGURE 18-17:
SUPPLY CURRENT (IDD vs. VDD, FOSC = 1 MHz (XT OSCILLATOR MODE)
0
20
40
60
80
100
120
140
160
180
2
2.5
3
3.5
4
4.5
5
5.5
VDD (V)
85 C
25 C Avg
-40 C
100
150
200
250
300
350
400
450
500
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (Volts)
125°C
85°C
25°C
0°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com