Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 160 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 160 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 156Page - Microchip Technology PIC16F-E/ML Datasheet HTML 157Page - Microchip Technology PIC16F-E/ML Datasheet HTML 158Page - Microchip Technology PIC16F-E/ML Datasheet HTML 159Page - Microchip Technology PIC16F-E/ML Datasheet HTML 160Page - Microchip Technology PIC16F-E/ML Datasheet HTML 161Page - Microchip Technology PIC16F-E/ML Datasheet HTML 162Page - Microchip Technology PIC16F-E/ML Datasheet HTML 163Page - Microchip Technology PIC16F-E/ML Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 158
© 2007 Microchip Technology Inc.
FIGURE 18-18:
SUPPLY CURRENT (IDD vs. VDD, FOSC = 4 MHz (XT OSCILLATOR MODE)
FIGURE 18-19:
SUPPLY CURRENT (IDD) vs. VDD, FOSC = 20 MHz (HS OSCILLATOR MODE)
200
300
400
500
600
700
800
900
1000
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (Volts)
125°C
85°C
25°C
0°C
-40°C
2.0
2.5
3.0
3.5
4.0
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
VDD (Volts)
125°C
85°C
25°C
0°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com