Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADT Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW5094ADT
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW5094ADT Datasheet HTML 14Page - STMicroelectronics STW5094ADT Datasheet HTML 15Page - STMicroelectronics STW5094ADT Datasheet HTML 16Page - STMicroelectronics STW5094ADT Datasheet HTML 17Page - STMicroelectronics STW5094ADT Datasheet HTML 18Page - STMicroelectronics STW5094ADT Datasheet HTML 19Page - STMicroelectronics STW5094ADT Datasheet HTML 20Page - STMicroelectronics STW5094ADT Datasheet HTML 21Page - STMicroelectronics STW5094ADT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
STw5094A
18/51
Control Register CR8 Functions (Address: 0x08)
*: state at power on initialization
X: reserved: write 0
Control Register CR9 Functions (Address: 0x09)
*: state at power on initialization
X: reserved: write 0
Control Register CR10 Functions (Address: 0x0A)
*: state at power on initialization
X: reserved: write 0
7654
3210
Function
HPLA(4:0)
XXX
0
0
0
0
-
1
0
0
0
0
-
0
0
0
0
0
-
1
0
0
1
1
-
0
0
1
0
1
-
0
Headphones amplifier (Left channel) 0 dB gain
Headphones amplifier (Left channel) -2 dB gain
Headphones amplifier (Left channel) -4 dB gain
Headphones amplifier (Left channel) -6 dB gain
*
Headphones amplifier (Left channel) gain in 2 dB step
Headphones amplifier (Left channel) -40 dB gain
7654
3210
Function
HPRA(4:0)
XXX
0
0
0
0
-
1
0
0
0
0
-
0
0
0
0
0
-
1
0
0
1
1
-
0
0
1
0
1
-
0
Headphones amplifier (Right channel) 0 dB gain
Headphones amplifier (Right channel) -2 dB gain
Headphones amplifier (Right channel) -4 dB gain
Headphones amplifier (Right channel) -6 dB gain
*
Headphones amplifier (Right channel) gain in 2 dB step
Headphones amplifier (Right channel) -40 dB gain
7654
3210
Function
FMLA(4:0)
XXX
0
0
-
0
-
1
0
0
-
1
-
0
0
0
-
0
-
0
0
0
-
0
-
1
0
1
-
1
-
1
FM Preamplifier (Left channel) +18 dB gain
FM Preamplifier (Left channel) +16 dB gain
FM Preamplifier (Left channel) gain in 2 dB step
FM Preamplifier (Left channel) 0 dB gain
*
FM Preamplifier (Left channel) gain in 2 dB step
FM Preamplifier (Left channel) -20 dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com