Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADT Datasheet(PDF) 38 Page - STMicroelectronics

Part # STW5094ADT
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADT Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STW5094ADT Datasheet HTML 34Page - STMicroelectronics STW5094ADT Datasheet HTML 35Page - STMicroelectronics STW5094ADT Datasheet HTML 36Page - STMicroelectronics STW5094ADT Datasheet HTML 37Page - STMicroelectronics STW5094ADT Datasheet HTML 38Page - STMicroelectronics STW5094ADT Datasheet HTML 39Page - STMicroelectronics STW5094ADT Datasheet HTML 40Page - STMicroelectronics STW5094ADT Datasheet HTML 41Page - STMicroelectronics STW5094ADT Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
STw5094A
38/51
VOICE CODEC CHARACTERISTICS
Unless otherwise specified, VCC = 2.7V to 3.3V, Tamb = -30°C to 85°C; FS Frequency = 8kHz; typical
characteristics are specified at VCC =3.0V, Tamb = 25°C, MIC1
⁄ 2 ⁄ 3 = 0dBm0, DR = -6dBm0 PCM
code, f = 1015.625 Hz; all signals are referenced to GND.
VOICE CODEC AMPLITUDE RESPONSE
Transmit path
(*) The limit at frequencies between 4600Hz and 8000Hz lies on a straight line connecting the two frequencies on a linear (dB) scale versus
log (Hz) scale.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GXA
Transmit Gain Absolute Accuracy
Transmit Gain Programmed for
minimum. Measure deviation of
Digital PCM Code from ideal
0dBm0 PCM code at DX
-0.5
0.5
dB
GXAG
Transmit Gain Variation with
programmed gain
Measure Transmit Gain over the
range from Maximum to minimum
setting. Calculate the deviation
from the programmed gain
relative to GXA,
i.e. GAXG =G actual - G prog. - GXA
-0.5
0.5
dB
GXAT
Transmit Gain Variation with
temperature
Measured relative to GXA.
min. gain < GX < Max. gain
-0.1
0.1
dB
GXAV
Transmit Gain Variation with
supply
Measured relative to GXA
GX = Minimum gain
-0.1
0.1
dB
GXAF8
Transmit Gain Variation with
frequency.
FS Frequency = 8kHz (VFS=0)
Digital filter characteristics
f=60 Hz
f = 100 Hz
f = 200 Hz
f = 300 Hz
f = 400 Hz to 3000 Hz
f = 3400 Hz
f = 4000 Hz
f = 4600 Hz (*)
f = 8000 Hz (*)
-1.5
-0.5
-1.5
-30
-20
-6
0.5
0.5
0.0
-14
-35
-47
dB
dB
dB
dB
dB
dB
dB
dB
dB
GXAF16
Transmit Gain Variation with
frequency.
FS Frequency = 16kHz (VFS=1)
Digital filter characteristics
f = 100 Hz
f = 200 Hz to 6000 Hz
f = 6800 Hz
f = 8000 Hz
f = 9200 Hz (*)
f = 16000 Hz (*)
-1.5
-0.5
-1.5
0.5
0.5
0.0
-14
-35
-47
dB
dB
dB
dB
dB
dB
GXAL
Transmit Gain Variation with
signal level
Sinusoidal Test method.
Reference Level = -10 dBm0
VMIC = -40 dBm0 to +3 dBm0
VMIC = -50 dBm0 to -40 dBm0
VMIC = -55 dBm0 to -50 dBm0
-0.5
-0.5
-1.2
0.5
0.5
1.2
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com