Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADT Datasheet(PDF) 37 Page - STMicroelectronics

Part # STW5094ADT
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADT Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STW5094ADT Datasheet HTML 33Page - STMicroelectronics STW5094ADT Datasheet HTML 34Page - STMicroelectronics STW5094ADT Datasheet HTML 35Page - STMicroelectronics STW5094ADT Datasheet HTML 36Page - STMicroelectronics STW5094ADT Datasheet HTML 37Page - STMicroelectronics STW5094ADT Datasheet HTML 38Page - STMicroelectronics STW5094ADT Datasheet HTML 39Page - STMicroelectronics STW5094ADT Datasheet HTML 40Page - STMicroelectronics STW5094ADT Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
37/51
STw5094A
ANALOG INPUT/OUTPUT OPERATIVE RANGES
Microphone Input Levels - Absolute levels at MIC1, MIC2, MIC3
FM Input Levels - Absolute levels at FML, FMR
Power Output Levels - Absolute levels at HPL, HPR
Power Output Levels - Absolute levels at LSP-LSN (Differentially measured)
Tones Levels
Note: when 2 tones are enabled the amplitude of f1 is lowered by 5dB and the amplitude of f2 is lowered by 7dB with respect to the amplitude
of a single tone.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
0 dBm0 level
Transmit gain 0dB
493
mVRMS
Overload level
Transmit gain 0dB
707
2
mVRMS
Vpp
0 dBm0 level
Transmit gain 20dB
49
mVRMS
Overload level
Transmit gain 20dB
71
200
mVRMS
mVpp
0 dBm0 level
Transmit gain 42.5dB
3.7
mVRMS
Overload level
Transmit gain 42.5dB
5.3
15
mVRMS
mVpp
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Overload level
FML, FMR gain 18 dB
177
0.5
mVRMS
Vpp
Overload level
FML, FMR gain from 6 to -20dB
707
2
mVRMS
Vpp
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Maximum undistorted level
16
Ω Load
707
2
mVRMS
Vpp
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
0 dBm0 level
LS gain 0dB
984
mVRMS
0 dBm0 level
LS gain -24dB
62.1
mVRMS
Maximum undistorted level
8
Ω Load
1.41
4
VRMS
Vpp
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Tone level at LSP-LSN
Single tone, sinusoidal
waveform, tone gain 0dB,
LS gain 0dB
1.41
4
VRMS
Vpp
Tone level at HPL, HPR
Single tone, sinusoidal
waveform, tone gain 0dB,
HPL, HPR gain -6dB
707
2
mVRMS
Vpp
Tone level at DX
Voice mode, Single tone,
sinusoidal waveform,
tone gain 0dB
-1.64
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com