Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADT Datasheet(PDF) 33 Page - STMicroelectronics

Part # STW5094ADT
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADT Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STW5094ADT Datasheet HTML 29Page - STMicroelectronics STW5094ADT Datasheet HTML 30Page - STMicroelectronics STW5094ADT Datasheet HTML 31Page - STMicroelectronics STW5094ADT Datasheet HTML 32Page - STMicroelectronics STW5094ADT Datasheet HTML 33Page - STMicroelectronics STW5094ADT Datasheet HTML 34Page - STMicroelectronics STW5094ADT Datasheet HTML 35Page - STMicroelectronics STW5094ADT Datasheet HTML 36Page - STMicroelectronics STW5094ADT Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
33/51
STw5094A
ABSOLUTE MAXIMUM RATINGS
OPERATIVE SUPPLY VOLTAGES
TIMING SPECIFICATIONS
Unless otherwise specified, VCCIO = 1.8V to 3.3V,Tamb = -30°C to 85°C, max capacitive load 20pF; typical
characteristics are specified at VCCIO =3.0V, Tamb = 25 °C; all signals are referenced to GND (see next
Note for timing definitions).
AMCK timing
Parameter
Value
Unit
VCC to GND
4.6
V
Voltage at MIC (VCC
≤3.3V)
VCC +0.5 to GND -0.5
V
Current at LSP/N
± 350
mA
Current at HPR,HPL
± 100
mA
Current at VCCP,GNDP
± 350
mA
Current at any digital output
± 50
mA
Voltage at any digital input (VCCIO
≤3.3V); limited at ± 50mA
VCCIO + 0.5 to GND -0.5
V
Storage temperature range
- 65 to + 150
°C
Symbol
Min.
Max.
Unit
VCC =VCCA
2.7
3.3
V
VCCIO
1.8
VCC
V
VCCP
VCC
3.3
V
Symbol
Parameter
Test Condition
AMCK Range
Min.
Typ.
Max.
Unit
tPAMCK
Period of AMCK
9.5MHz-14MHz
14MHz-19MHz
19MHz-28MHz
71
53
36
106
71
53
ns
ns
ns
tHAMCK
Period of AMCK high
Measured from VIH to VIH
9.5MHz-14MHz
14MHz-19MHz
19MHz-28MHz
28
20
12
ns
ns
ns
tLAMCK
Period of AMCK low
Measured from VIL to VIL
9.5MHz-14MHz
14MHz-19MHz
19MHz-28MHz
28
20
12
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com