Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADT Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW5094ADT
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW5094ADT Datasheet HTML 19Page - STMicroelectronics STW5094ADT Datasheet HTML 20Page - STMicroelectronics STW5094ADT Datasheet HTML 21Page - STMicroelectronics STW5094ADT Datasheet HTML 22Page - STMicroelectronics STW5094ADT Datasheet HTML 23Page - STMicroelectronics STW5094ADT Datasheet HTML 24Page - STMicroelectronics STW5094ADT Datasheet HTML 25Page - STMicroelectronics STW5094ADT Datasheet HTML 26Page - STMicroelectronics STW5094ADT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
23/51
STw5094A
Control Register CR21 Functions (Address: 0x15)
*: state at power on initialization
X: reserved write 0
Note: In Audio mode or when AMCK Master Clock is selected, the true frequency value is obtained by multiplying the value of the table (F1/
F2 Tone Frequency) by the following constant:
k=(fAMCK/fDIV) where fAMCK is the frequency of AMCK expressed in Hz and fDIV=
6144000·(AMCK_DIV+2), where AMCK_DIV is the content of CR18, bits1-0.
76
5
4
3
210
Function
MD(1:0)
CFM(1:0)
SRS
PU
0
0
1
1
0
1
0
1
Voice Mode
*
Audio Mode.
Tone Only Mode.
FM Mode.
0
0
1
0
1
X
The Master Clock Input for Tone Only and FM Mode is AUXCLK*
The Master Clock Input for Tone Only and FM Mode is MCLK
The Master Clock Input for Tone Only and FM Mode is AMCK
XX
0
1
Normal Operation
*
Software Reset, all registers are set to their default.
0
1
Device is in Power Down
*
Device is in Power Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com