Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADT Datasheet(PDF) 39 Page - STMicroelectronics

Part # STW5094ADT
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADT Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STW5094ADT Datasheet HTML 35Page - STMicroelectronics STW5094ADT Datasheet HTML 36Page - STMicroelectronics STW5094ADT Datasheet HTML 37Page - STMicroelectronics STW5094ADT Datasheet HTML 38Page - STMicroelectronics STW5094ADT Datasheet HTML 39Page - STMicroelectronics STW5094ADT Datasheet HTML 40Page - STMicroelectronics STW5094ADT Datasheet HTML 41Page - STMicroelectronics STW5094ADT Datasheet HTML 42Page - STMicroelectronics STW5094ADT Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
39/51
STw5094A
VOICE CODEC AMPLITUDE RESPONSE (continued)
Receive path
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GRAHPL
GRAHPR
GRALS
Receive Gain Absolute Accuracy
Receive gain programmed for
maximum
Apply -6 dBm0 PCM code to DR
Measure HPL, HPR, LSP-LSN
-0.5
0.5
dB
GRAGHPL
GRAGHPR
GRAGLS
Receive Gain Variation with
programmed gain
Measure HPL, HPR, LSP-LSN
Gain over the range from
Maximum to minimum setting.
Calculate the deviation from the
programmed gain relative to GRA,
i.e. GRAGLS =G actual - G prog. - GRALS
-0.5
0.5
dB
GRAT
Receive Gain Variation with
temperature
Measured relative to GRA.
(HPL, HPR and LSP-LSN)
min. gain < GR < Max. gain
-0.1
0.1
dB
GRAV
Receive Gain Variation with
Supply
Measured relative to GRA.
(HPL, HPR and LSP-LSN)
GR = Maximum Gain
-0.1
0.1
dB
GRAF8
Receive Gain Variation with
frequency
(HPL, HPR and LSP-LSN)
FS frequency = 8kHz (VFS=0).
High Pass Filter enabled
(HPB = 0).
Digital filter characteristics
f=60Hz
f = 100Hz
f = 200 Hz
f = 300 Hz
f = 400 Hz to 3000 Hz
f = 3400 Hz
f = 4000 Hz
-1.5
-0.5
-1.5
-20
-12
-2
0.5
0.5
0.0
-14
dB
dB
dB
dB
dB
dB
dB
Receive Gain Variation with
frequency
(HPL, HPR and LSP-LSN)
FS frequency = 8kHz (VFS=0).
High Pass Filter disabled
(HPB = 1).
Digital filter characteristics
f=50Hz
f = 100 Hz to 3000 Hz
f = 3400 Hz
f = 4000 Hz
-1.5
-0.5
-1.5
0.5
0.5
0.0
-14
dB
dB
dB
dB
GRAF16
Receive Gain Variation with
frequency
(HPL, HPR and LSP-LSN)
FS frequency = 16kHz (VFS=1).
Digital filter characteristics
f = 100Hz
f = 200 Hz to 6000 Hz
f = 6800 Hz
f = 8000 Hz
-1.5
-0.5
-1.5
0.5
0.5
0.0
-14
dB
dB
dB
dB
GRALHPL
GRALHPR
GRALLS
Receive Gain Variation with signal
level
(HPL, HPR and LSP-LSN)
Sinusoidal Test Method
Reference Level = -10 dBm0
DR = -40 dBm0 to -3 dBm0
DR = -50 dBm0 to -40 dBm0
DR = -55 dBm0 to -50 dBm0
-0.5
-0.5
-1.2
0.5
0.5
1.2
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com