Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 5 Page - NXP Semiconductors

  UBA2021 Datasheet HTML 1Page - NXP Semiconductors UBA2021 Datasheet HTML 2Page - NXP Semiconductors UBA2021 Datasheet HTML 3Page - NXP Semiconductors UBA2021 Datasheet HTML 4Page - NXP Semiconductors UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2001 Jan 30
5
Philips Semiconductors
Product specification
630 V driver IC for CFL and TL lamps
UBA2021
FUNCTIONAL DESCRIPTION
Introduction
The UBA2021 is an integrated circuit for electronically
ballasted compact fluorescent lamps and their derivatives
operating with mains voltages up to 240 V (RMS). It
provides all the necessary functions for preheat, ignition
and on-state operation of the lamp. In addition to the
control function, the IC provides level shift and drive
functions for the two discrete power MOSFETs, T1 and T2
(see Fig.7).
Initial start-up
Initial start-up is achieved by charging capacitor CS9 with
the current applied to pin RHV. At start-up, MOSFET T2
conducts and T1 is non-conducting, ensuring Cboot
becomes charged. This start-up state is reached for a
supply voltage VVS(reset) (this is the voltage level at pin VS
at which the circuit will be reset to the initial state) and
maintained until the low voltage supply (VVS) reaches a
value of VVS(start). The circuit is reset in the start-up state.
Oscillation
When the low voltage supply (VVS) has reached the value
of VVS(start) the circuit starts oscillating in the preheat state.
The internal oscillator is a current-controlled circuit which
generates a sawtooth waveform. The frequency of the
sawtooth is determined by the capacitor CCF and the
current out of pin CF (mainly set by RRREF). The sawtooth
frequency is twice the frequency of the signal across the
load. The IC brings MOSFETs T1 and T2 alternately into
conduction with a duty factor of approximately 50%.
Figure 4 represents the timing of the IC. The circuit block
'non-overlap' generates a non-overlap time tno that
ensures conduction periods of exclusively T1 or T2. Time
tno is dependent on the reference current IRREF.
Operation in the preheat mode
The circuit starts oscillating at approximately 2.5
× fB
(108 kHz). The frequency gradually decreases until a
defined value of current Ishunt is reached (see Fig.5). The
slope of the decrease in frequency is determined by
capacitor CCI. The frequency during preheating is
approximately 90 kHz. This frequency is well above the
resonant frequency of the load, which means that the lamp
is off; the load consists of L2, C5 and the electrode
resistance only. The preheat time is determined by
capacitor CCP. The circuit can be locked in the preheat
state by connecting pin CP to ground. During preheating,
the circuit monitors the load current by measuring the
voltage drop over external resistor Rshunt at the end of
conduction of T2 with decision level VRS(ctrl). The
frequency is decreased as long as VRS >VRS(ctrl). The
frequency is increased for VRS <VRS(ctrl).
handbook, halfpage
MGS991
0
0
0
0
time
start-up
V(G1-S1)
V(G2)
tno
tno
internal
clock
VCF
Fig.4 Oscillator timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com