Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2021 Datasheet HTML 1Page - NXP Semiconductors UBA2021 Datasheet HTML 2Page - NXP Semiconductors UBA2021 Datasheet HTML 3Page - NXP Semiconductors UBA2021 Datasheet HTML 4Page - NXP Semiconductors UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2001 Jan 30
2
Philips Semiconductors
Product specification
630 V driver IC for CFL and TL lamps
UBA2021
FEATURES
• Adjustable preheat and ignition time
• Adjustable preheat current
• Adjustable lamp power
• Lamp temperature stress protection at higher mains
voltages
• Capacitive mode protection
• Protection against a too-low drive voltage for the power
MOSFETs.
GENERAL DESCRIPTION
The UBA2021 is a high-voltage IC intended to drive and
control Compact Fluorescent Lamps (CFL) or fluorescent
TL-lamps. It contains a driver circuit for an external
half-bridge, an oscillator and a control circuit for starting
up, preheating, ignition, lamp burning and protection.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
High voltage supply
VFS
high side supply voltage
IFS <15 µA; t < 0.5 s −−
630
V
Start-up state
VVS(start)
oscillator start voltage
−
11.95
−
V
VVS(stop)
oscillator stop voltage
−
10.15
−
V
IVS(standby)
standby current
VVS =11V
−
200
−µA
Preheat mode
fstart
start frequency
−
108
−
kHz
tph
preheat time
CCP = 100 nF
−
666
−
ms
VRS(ctrl)
control voltage at pin RS
−−600
−
mV
Frequency sweep to ignition
fB
bottom frequency
−
42.9
−
kHz
tign
ignition time
−
625
−
ms
Normal operation
fB
bottom frequency
−
42.9
−
kHz
tno
non-overlap time
−
1.4
−µs
Itot
total supply current
fB = 43 kHz
−
1
−
mA
RG1(on), RG2(on) high and low side on resistance
−
126
−Ω
RG1(off), RG2(off) high and low side off resistance
−
75
−Ω
Feed-forward
fff
feed-forward frequency
IRHV = 0.75 mA
−
63.6
−
kHz
IRHV = 1.0 mA
−
84.5
−
kHz
Ii(RHV)
operating range of input current at pin RHV
0
−
1000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com