Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors UBA2021 Datasheet HTML 10Page - NXP Semiconductors UBA2021 Datasheet HTML 11Page - NXP Semiconductors UBA2021 Datasheet HTML 12Page - NXP Semiconductors UBA2021 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2001 Jan 30
9
Philips Semiconductors
Product specification
630 V driver IC for CFL and TL lamps
UBA2021
CHARACTERISTICS
VVS =11V; VFS − VS1 =11V; Tamb =25 °C; all voltages referenced to ground; see Fig.7; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
High voltage supply
IL
leakage current on high voltage pins
VFS,VG1 and VS1 = 630 V
−−
15
µA
Start-up state
VVS(reset)
reset voltage
T1 off; T2 on
4.0
5.5
6.5
V
VVS(start)
oscillator start voltage
11.35
11.95
12.55
V
VVS(stop)
oscillator stop voltage
9.55
10.15
10.75
V
VVS(hys)
supply voltage hysteresis
1.5
1.8
2.0
V
IVS(standby)
standby supply current at pin VS
VVS = 11 V; note 1
150
200
250
µA
∆V
(RHV
−VS)
voltage difference between pins RHV
and VS
IRHV = 1.0 mA
0.7
0.8
1.0
V
VVS(clamp-start)
clamp margin VVS(clamp) to VVS(start)
note 2
0.2
0.3
0.4
V
IVS(clamp)
clamp current
VVS <17V
−
14
35
mA
Preheat mode
fstart
starting frequency
VCI = 0 V
98
108
118
kHz
tg
conducting time T1 and T2
fstart = 108 kHz
−
3.2
−µs
ICI(charge)
charge current at pin CI
VCI = 1.5 V; VRS = −0.3 V
384450
µA
ICI(discharge)
discharge current at pin CI
VCI = 1.5 V; VRS = −0.9 V
79
93
107
µA
tph
preheat time
599
666
733
ms
ICP(charge)
charge current at pin CP
VCP =1V
−
6.0
−µA
ICP(discharge)
discharge current at pin CP
VCP =1V
−
5.95
−µA
∆V
CP(pk)
peak voltage difference at pin CP
when timing
−
2.5
−
V
VRS(ctrl)
control voltage at pin RS
note 3
−636
−600
−564
mV
Frequency sweep to ignition
ICI(charge)
charge current at pin CI
VCI = 1.5 V; f ≈ 85 kHz
0.8
1.0
1.2
µA
fB
bottom frequency
VCI at clamp level
−
42.9
−
kHz
tign
ignition time
−
625
−
ms
Normal operation
fB
bottom frequency
42.21
42.90
44.59
kHz
tg
conducting time T1 and T2
fB = 43 kHz
−
10.2
−µs
tno
non-overlap conductance time
1.05
1.4
1.75
µs
Itot
total supply current
fB = 43 kHz; note 4
0.85
1.0
1.1
mA
VRS(cap)
capacitive mode control voltage
note 5
0
20
40
mV
VRREF
reference voltage
note 6
2.425
2.5
2.575
V
VG1(on)
on voltage at pin G1
IG1 = 1 mA
10.5
−−
V
VG1(off)
off voltage at pin G1
IG1 = 1 mA
−−
0.3
V
VG2(on)
on voltage at pin G2
IG2 = 1 mA
10.5
−−
V
VG2(off)
off voltage at pin G2
IG2 = 1 mA
−−
0.3
V
RG1(on)
high side driver on resistance
V(G1 − S1) = 3 V; note 7
100
126
152
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com