Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 4 Page - NXP Semiconductors

  UBA2021 Datasheet HTML 1Page - NXP Semiconductors UBA2021 Datasheet HTML 2Page - NXP Semiconductors UBA2021 Datasheet HTML 3Page - NXP Semiconductors UBA2021 Datasheet HTML 4Page - NXP Semiconductors UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2001 Jan 30
4
Philips Semiconductors
Product specification
630 V driver IC for CFL and TL lamps
UBA2021
PINNING
SYMBOL
PIN
DESCRIPTION
FS
1
high side floating supply voltage
G1
2
gate high transistor (T1)
S1
3
source high transistor (T1)
n.c.
4
high-voltage spacer, not to be connected
VS
5
low voltage supply
G2
6
gate low transistor (T2)
PGND
7
power ground
CP
8
timing/averaging capacitor
RS
9
current monitoring input
RREF
10
reference resistor
SGND
11
signal ground
CF
12
oscillator capacitor
RHV
13
start-up resistor/feed-forward resistor
CI
14
integrating capacitor
handbook, halfpage
MGS989
UBA2021T
1
2
3
4
5
6
7
8
14
13
12
11
10
9
FS
G1
S1
n.c.
VS
G2
PGND
CP
RS
RREF
SGND
CF
RHV
CI
Fig.2 Pin configuration (SO14).
handbook, halfpage
MGS990
UBA2021P
1
2
3
4
5
6
7
8
14
13
12
11
10
9
FS
G1
S1
n.c.
VS
G2
PGND
CP
RS
RREF
SGND
CF
RHV
CI
Fig.3 Pin configuration (DIP14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com