Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 3 Page - NXP Semiconductors

  UBA2021 Datasheet HTML 1Page - NXP Semiconductors UBA2021 Datasheet HTML 2Page - NXP Semiconductors UBA2021 Datasheet HTML 3Page - NXP Semiconductors UBA2021 Datasheet HTML 4Page - NXP Semiconductors UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2001 Jan 30
3
Philips Semiconductors
Product specification
630 V driver IC for CFL and TL lamps
UBA2021
ORDERING INFORMATION
BLOCK DIAGRAM
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UBA2021T
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
UBA2021P
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
handbook, full pagewidth
MGS988
UBA2021
SUPPLY
BAND GAP
REFERENCE
OSCILLATOR
TIMING
CI
2
G1
CONTROL
RS
MONITOR
NON
OVERLAP
LEVEL
SHIFTER
SB
HIGH SIDE
DRIVER
LOW SIDE
DRIVER
1
FS
14
CF
12
RREF
10
VS
n.c.
5
RHV
13
4
CP
8
RS
9
bootstrap
charging circuit
3
S1
6
G2
7
11
PGND
SGND
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com