Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UBA2021 Datasheet HTML 4Page - NXP Semiconductors UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors UBA2021 Datasheet HTML 10Page - NXP Semiconductors UBA2021 Datasheet HTML 11Page - NXP Semiconductors UBA2021 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2001 Jan 30
8
Philips Semiconductors
Product specification
630 V driver IC for CFL and TL lamps
UBA2021
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); all voltages referenced to ground.
Notes
1. Human body model: all pins are 3000 V maximum, except pins FS, G1, S1 and VS which are 1500 V maximum and
pin G2 which is 1000 V maximum.
2. Machine model: all pins are 300 V maximum, except pin G2 which is 125 V maximum.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VFS
high side floating supply voltage
operating
−
570
V
t
≤ 0.5 s
−
630
V
IVS(clamp)
clamp current
t
≤ 0.5 s
−
35
mA
VRS
input voltage pin RS
−2.5
+2.5
V
transient of 50 ns
−15.0
+2.5
V
SR
slew rate at pins S1, G1 and FS
(with respect to ground)
−4
+4
V/ns
P
power dissipation
−
500
mW
Tamb
ambient temperature
−40
+150
°C
Tj
junction temperature
−40
+150
°C
Tstg
storage temperature
−55
+150
°C
Qcouple
charge coupling at pins RREF and CF
operating
−8+8
pC
Ves
electrostatic handling voltage
human body model; note 1
−
3000
V
machine model; note 2
−
300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
SO14
100
K/W
DIP14
60
K/W
Rth(j-pin)
thermal resistance from junction to pcb
in free air
SO14
50
K/W
DIP14
30
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com