Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1757ME Datasheet(PDF) 21 Page - Pyramid Semiconductor Corporation

Part # PACE1757ME
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1757ME Datasheet(HTML) 21 Page - Pyramid Semiconductor Corporation

Back Button PACE1757ME Datasheet HTML 17Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 18Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 19Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 20Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 21Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 22Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 23Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 24Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 25Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
PACE 1757 M/ME
Page 21 of 34
Document # MICRO-10 REV B
BUS ACQUISITION
Note:
A CPU contending for the BUS will assert the
BUS REQ line, and will acquire it when BUS GNT is asserted and the BUS is not locked (BUS
LOCK is HIGH).
SWITCHING TIME TEST CIRCUITS
Standard Output (Non-Three-State)
Three-State
Parameter
VO
VMEA
tPLZ
≥ 3V
0.5V
tPHZ
0V
VCC – 0.5V
tPXL
VCC/2
1.5V
tPXH
VCC/2
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com