Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1757ME Datasheet(PDF) 25 Page - Pyramid Semiconductor Corporation

Part # PACE1757ME
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1757ME Datasheet(HTML) 25 Page - Pyramid Semiconductor Corporation

Back Button PACE1757ME Datasheet HTML 21Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 22Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 23Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 24Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 25Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 26Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 27Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 28Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 29Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
PACE 1757 M/ME
Page 25 of 34
Document # MICRO-10 REV B
SIGNAL DESCRIPTIONS (Continued)
FAULTS AND FLAGS
Mnemonic
Name
Description
MEM PRT ER
Memory Protect Error
An active-LOW input generated by the MMU or BPU, or both, during
attempted writes to protected memory. It is sampled by the
BUS BUSY
signal into the Fault Register (bit 0 CPU bus cycle, bit 1 if non-CPU bus
cycle). The error is generated in one of the following conditions: a
mismatch in the access keys in the MMU page, an access to an execution
protected page during instruction cycles, an access to a write protected
page during data cycles or an access to a page write protected by the
BPU.
MEM PAR ER
Memory Parity Error
An active LOW signal which is sampled by the
BUS BUSY signal into bit
2 of the CPU's Fault Register. It signals an error on the Data Bus during
a memory cycle. Two detection modes can be selected by programming
the control register of the MMU/COMBO: EDAC mode (6 Hamming code
parity bits) or single bit parity mode (even or odd parity). The signal is
inactive when none of the above modes are selected (default after reset).
EXT ADR ER IN
External Address
An active-LOW input sampled by the
BUS BUSY signal into the CPU
Error In
Fault Register (bit 5 or 8) depending on the cycle (memory or I/O).
EXT ADR ER OUT External Address
An active LOW output which signals to the CPU and memory interface
Error Out
logic that an unimplemented memory or illegal I/O access has taken
place.
SYSFLT0 -
System Fault 0,
Asynchronous, positive edge sensitive inputs that set bit 7 (SYSFLT0)
SYSFLT1
System Fault 1
or bits 13 and 15 (SYSFLT1) in the P1750A/AE Fault Register.
EX AD ER /
Illegal Address Error /
An active LOW output from the PIC indicating an illegal address error
SING ERR
Single Error
when referencing memory or I/O. It becomes an active HIGH input called
SINGLE ERROR for handshaking with the P1753 when the PIC is
programmed to support EDAC. Default state after reset is high impedance.
WR PROT /
Write Protected /
Either an active LOW output (
WR PROT, following STRBD timing)
PROT FLAG
Protection Flag
during legal memory write cycles when no protection occurs, or an active
high (PROT FLAG) signal indicating a protection error in a write cycle.
Either mode can be selected by programming the COMBO control
register. Default mode after reset is Write Protected.
ME PA ER /
Memory Parity Error
An active LOW output indicating a Parity error when reading from
RAMDIS
memory. It becomes an active HIGH output called RAM DISABLE for
handshaking with the P1753 when the PIC is programmed to support
EDAC.
TC
Terminal Count
An active HIGH output from the PIC indicating a bus time out or a
watchdog trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com