Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1757ME Datasheet(PDF) 23 Page - Pyramid Semiconductor Corporation

Part # PACE1757ME
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1757ME Datasheet(HTML) 23 Page - Pyramid Semiconductor Corporation

Back Button PACE1757ME Datasheet HTML 19Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 20Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 21Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 22Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 23Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 24Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 25Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 26Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 27Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
PACE 1757 M/ME
Page 23 of 34
Document # MICRO-10 REV B
SIGNAL DESCRIPTIONS (Continued)
BUS CONTROL
Mnemonic
Name
Description
TEST ON
System Test Enable
An active-LOW input, used to enable the execution of the System Test
built into the P1754, immediately after completetion of the PACE 1750 A/
AE initialization and before fetching any instructions from the user's
program.
TEST END
System Test End
An active-HIGH output indicating whether the PACE 1754 System Test
has been completed. Whenever the System Test is disabled by the
TEST
ON signal, the TEST END output will be at a logical "1" immediately after
reset is removed.
SC0-SC4
System Configuration
Inputs which are buffered onto IB0-IB4 when executing an I/O Read
Inputs
from I/O address 8410 (hex).
D/
I
Data or instruction
An output signal that indicates whether the current bus cycle access is for
Data (HIGH) or Instruction (LOW). It is three-state during bus cycles not
assigned to the CPU. This line can be used as an additional memory
address bit for systems that require separate data and program memory.
R/
W
Read or write
An output signal that indicates direction of data flow with respect to the
current bus master. A HIGH indicates a read or input operation and a
LOW indicates a write or output operation. The signal is three-state during
bus cycles not assigned to the CPU.
M/
IO
Memory or I/O
An output signal that indicates whether the current bus cycle is memory
(HIGH) or I/O (LOW). This signal is three-state during bus cycles not
assigned to the CPU.
RDYA_IN
Address ready In
An active HIGH input to the CPU that can be used to extend the address
phase of a bus cycle. When RDYA_IN is not active, wait states are
inserted by the P1750A/AE to accomodate slower memory or I/O devices.
This line is usually connected to RDYA_OUT unless the memory interface
logic requires the two RDYA signals remain discrete as an input and
output.
RDYA_OUT
Address Ready Out
An active HIGH output from the COMBO that indicates that there are no
wait states requested when STRBA is active. Wait states are inserted
when this signal becomes inactive during STRBA. Up to 3 wait states can
be inserted by programming an internal register. Three wait states are
inserted after reset (default).
RDYD
Data ready
An active HIGH signal to the CPU from the PIC that extends the data
phase of a bus cycle. When RDYD is not active, wait states are inserted
by the P1750A/AE to accomodate slower memory or I/O devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com