Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1757ME Datasheet(PDF) 22 Page - Pyramid Semiconductor Corporation

Part # PACE1757ME
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1757ME Datasheet(HTML) 22 Page - Pyramid Semiconductor Corporation

Back Button PACE1757ME Datasheet HTML 18Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 19Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 20Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 21Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 22Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 23Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 24Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 25Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 26Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
PACE 1757 M/ME
Page 22 of 34
Document # MICRO-10 REV B
SIGNAL DESCRIPTIONS
CLOCKS AND EXTERNAL REQUESTS
Mnemonic
Name
Description
CPU CLK
CPU clock
A single phase input clock signal (0-40 MHz, 40 percent to 60 percent duty
cycle. This is a common input to all 3 devices.
RESET
Reset
An active LOW input that initializes the device. Input to the P1750A/AE,
P1753 and P1754.
CON REQ
Console request
An active LOW input that initiates console operations after completion of
the current instruction. Input to the CPU.
INTERRUPT INPUTS
Mnemonic
Name
Description
PWRDN INT
Power down interrupt
An interrupt request input that cannot be masked or disabled. This signal
is active on the positive going edge or the high level, according to the
interrupt mode bit in the configuration register of the P1750A/AE.
USR0INT -
User interrupt
Interrupt request input signals that are active on the positive going edge
USR5INT
edge or the high level, according to the interrupt mode bit in the configuration
register of the P1750A/AE.
IOL1INT -
I/O Level Interrupts
Active HIGH interrupt requests that can be used to expand the number
IOL2INT
of user interrupts. Inputs to the P1750A/AE interrupt register.
ERROR CONTROL
Mnemonic
Name
Description
UNRCV ER
Unrecoverable error
An active HIGH output that indicates the occurrence of an error classified
as unrecoverable. A signal from the CPU.
MAJ ER
Major error
An active HIGH output that indicates the occurrence of an error classified
as major. A signal from the CPU.
DISCRETE CONTROL
Mnemonic
Name
Description
NML PWRUP
Normal power up
An active HIGH output that is set when the CPU has successfully
completed the built-in self test in the initialization sequence. It can be reset
by the I/O command RNS.
SNEW
Start new
An active HIGH output that indicates a new instruction is about to start
executing in the next cycle. This signal is issued by the CPU.
TRIGO RST
Trigger-go reset
An active LOW discrete output. This signal can be pulsed low under
program control I/O address 400B (Hex) and is automatically pulsed
during processor initialization.
STRT ROM
Start Up Rom
An output follow the execution of the ESUR and DSUR, I/O commands as
defined in MIL-STD-1750A. It will be at the logical level "1" after executing
ESUR and at the logical "0" level after executing DSUR. Initially, it defaults
to a "1" on the P1754.
DMA EN
Direct memory
An active HIGH output that indicates the DMA is enabled. It is
Access enable
disabled when the CPU is initialized (reset) and can be enabled or
disabled under program control (I/O commands DMAE, DMAD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com