Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1757ME Datasheet(PDF) 24 Page - Pyramid Semiconductor Corporation

Part # PACE1757ME
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1757ME Datasheet(HTML) 24 Page - Pyramid Semiconductor Corporation

Back Button PACE1757ME Datasheet HTML 20Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 21Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 22Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 23Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 24Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 25Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 26Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 27Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 28Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
PACE 1757 M/ME
Page 24 of 34
Document # MICRO-10 REV B
SIGNAL DESCRIPTIONS (Continued)
BUS ARBITRATION
Mnemonic
Name
Description
BUS REQ
Bus request
An active LOW output that indicates the CPU requires the bus. It
becomes inactive when the CPU has acquired the bus and started the
bus cycle.
BUS GNT
Bus grant
An active LOW input from an external arbiter that indicates the CPU
currently has the highest priority bus request. If the bus is not used and
not locked, the CPU may begin a bus cycle, commencing with the next
CPU clock. A HIGH level will hold the CPU in Hi-Z state (Bz), three-
stating the IB bus status lines (D/
I, R/W, M/IO), strobes (STRBA,
STRBD), and all the other lines that go three-state when this CPU does
not have the bus.
BUS BUSY
Bus busy
An active LOW, bidirectional signal used to establish the beginning and
end of a bus cycle. The trailing edge (LOW-to-HIGH transition) is used
for sampling bits into the fault register. It is three-state in bus cycles not
assigned to this CPU. However, the CPU monitors the
BUS BUSY line
for latching non-CPU bus cycle faults into the fault register.
BUS LOCK
Bus lock
An active low, bi-directional signal used to lock the bus for successive
bus cycles. During non-locked bus cycles, the
BUS LOCK signal mimics
the
BUS BUSY signal. It is three-state during bus cycles not assigned to
the CPU. The following instructions will lock the bus: INCM, DECM, SB,
RB, TSB, SRM, STUB and STLB.
BUS GNT0 -
Bus Grant
Active-LOW outputs from the PIC indicating which master was granted
BUS GNT3
the BUS. It remains active during
BUS LOCK unless a higher master
request occurs, which resets it. However, the higher master will be
granted the BUS only after the current master's
BUS LOCK releases the
BUS.
BUS REQ0 -
Bus Request
Active-LOW inputs to the PIC that indicate a requirement for the BUS
BUS REQ3
from the 4 masters on the bus. The master assigned to pin
BUS REQ0
has the highest priority. The master assigned to pin
BUS REQ3 has the
lowest priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com