Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1757ME Datasheet(PDF) 26 Page - Pyramid Semiconductor Corporation

Part # PACE1757ME
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1757ME Datasheet(HTML) 26 Page - Pyramid Semiconductor Corporation

Back Button PACE1757ME Datasheet HTML 22Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 23Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 24Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 25Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 26Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 27Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 28Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 29Page - Pyramid Semiconductor Corporation PACE1757ME Datasheet HTML 30Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
PACE 1757 M/ME
Page 26 of 34
Document # MICRO-10 REV B
SIGNAL DESCRIPTIONS (Continued)
STATUS BUS
Mnemonic
Name
Description
AK0 - AK3
Access key
Active HIGH outputs corresponding to the AK field of the processor status
word used to match the Access Lock in the MMU for memory accesses
(a mismatch will cause the MMU to pull the
MEM PRT ER signal LOW),
and also indicate the processor state (PS). Priveledged instructions can
be executed with PS=0 only. These signals are tri-state for bus cycles not
assigned to this CPU
AS0 - AS3
Address state
Active HIGH outputs corresponding to the AS field of the processor status
word that selects the page register group in the MMU. In the DMA physical
demultiplexed mode, AS(0:1) will receive the 9th and 10th most significant
bits of the physical address for use in the BPU function. These signals are
tri-state in bus cycles not assigned to this CPU.
INFORMATION BUS
Mnemonic
Name
Description
IB0 - IB15
Information bus
A bi-directional time-multiplexed address/data BUS. IB0 is the most
significant bit.
EDC0-EDC5
Error Detection /
An active HIGH output BUS used for detection of errors on the data BUS
Correction Bus
(IB0-IB15) and correction of single errors. When working in parity mode
EDC0 is the parity bit. EDC1-EDC5 are undefined in this case.
A(0:1) /
Address Bus
An active HIGH output BUS from the PIC. Contains the address of the
EXT ADR(0:1)
current bus cycle as latched by the end of STRBA. In system configurations
A(2:15)
including the MMU function, the only active lines during memory cycles
are A(4:15). In this example, A(2:3) are high impedance (don't care) and
A(0:1) turn into inputs called Extended Addresses, EXT AD (0:1). In this
situation, these two lines, supplied by the MMU, will be used to operate the
programmable ready generation during bus cycles.
EXT ADR0 -
Extended Address
A bi-directionaly active HIGH BUS. In CPU cycles, it is an output BUS
EXT ADR7
Bus
that is used to select one of 256 pages, 4K words each, expanding the
direct addressing space to 1M word. In DMA cycles, indicated by DMA-
ACK being active, it is also an output BUS except when programmed for
the physical demultiplexed DMA mode. In this example, it becomes an
input to receive the eight most significant bits of the DMA physical address
for use in the BPU function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com