Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1754 Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # PACE1754
Description  SINGLE CHIP, 40MHz CMOS PROCESSOR INTERFACE CIRCUIT (PIC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1754 Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  PACE1754 Datasheet HTML 1Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 2Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 3Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 4Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 5Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 6Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 7Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 8Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PACE1754
Page 5 of 20
Document # MICRO-5 REV C
Case Outlines: Dual-In-Line (Case X) and Dual-In-Line with Gull-Wing Leads (Case T)
Terminal
Terminal
Terminal
Terminal
Terminal
Terminal
Number
Symbol
Number
Symbol
Number
Symbol
1
GND
23
IB13
45
A3
2
SCR EN
24
IB14
46
GND
3
TEST ON
25
IB15
47
A2
4VCC
26
IB16
48
A1/EXT AD1
5
RESET
27
ME PA ER/RAM DIS
49
A0/EXT AD0
6
TEST END
28
EX AD ER/SING ERR
50
TC
7
TIMER CLK
29
INTA
51
CPU CLK
8
EX RDY 1
30
STRT ROM
52
STRBA
9IB0
31
VCC
53
STRBD
10
IB1
32
GND
54
STRB EN
11
IB2
33
A15
55
EX RDY
12
IB3
34
A14
56
RDYD
13
IB4
35
A13
57
R/
W
14
IB5
36
A12
58
GND
15
IB6
37
A11
59
M/
IO
16
IB7
38
A10
60
MEMW
17
IB8
39
A9
61
MEMR
18
IB9
40
A8
62
IOW
19
GND
41
A7
63
IOR
20
IB10
42
A6
64
VCC
21
IB11
43
A5
22
IB12
44
A4
TERMINAL CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com