Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1754 Datasheet(PDF) 13 Page - Pyramid Semiconductor Corporation

Part # PACE1754
Description  SINGLE CHIP, 40MHz CMOS PROCESSOR INTERFACE CIRCUIT (PIC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1754 Datasheet(HTML) 13 Page - Pyramid Semiconductor Corporation

Back Button PACE1754 Datasheet HTML 9Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 10Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 11Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 12Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 13Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 14Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 15Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 16Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 17Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PACE1754
Page 13 of 20
Document # MICRO-5 REV C
PIN FUNCTIONS (Continued)
Symbol
Name
Description
R/
W
Read or Write
An input qualifier indicating the nature of the current bus cycle, either
Read (1) or Write (0).
RESET
External Reset
An active LOW input used to initialize the device's hardware.
TEST ON
System Test Enable
An active LOW input used to enable the execution of the System
Test built into the device, immediately after completion of the P1754
initialization and before fetching any instruction from the user
program.
TEST END
System Test End
An active HIGH output indicating whether the system test in the
device has been completed. Whenever the system test is disabled
by the
TEST ON signal, the TEST END output will be at a logical "1"
immediately after RESET is removed.
STRT ROM
Start Up ROM
An output following the execution of the ESUR and DSUR, I/O
commands as defined in MIL-STD-1750A. It will be at the logical "1"
level after executing ESUR and at the logical "0" level after executing
DSUR. Initially, it defaults to a logical "1".
RDYD
Ready Data
An active HIGH output to be connected to the P1750A/AE CPU input
to control the bus cycle termination.
EX RDY
External Ready Data
An active HIGH input which at logical "0" overrides the internal
RDYD generation and forces it to a logical "0".
EX RDY1
External Ready Data
An active LOW input which at logical "1" overrides the internal RDYD
generation and forces it to a logical "0".
ME PA ER/
Memory Parity Error
An active LOW output indicating a parity error when reading from
RAM DIS
memory. It becomes an active HIGH output called RAM DISABLE
for handshaking with the P1753 MMU when the device is
programmed to support EDAC.
EX AD ER/
Illegal Address Error
An active LOW output indicating an illegal address error when
SING ERR
referencing memory or I/O. It becomes an active HIGH output called
SINGLE ERROR for handshaking with the P1753 MMU when the
device is programmed to support EDAC.
TC
Terminal Count
An active HIGH output indicating a Bus time out or a watchdog
trigger.
SC0–SC4
System Configuration
Inputs (for case outlines U, Y, and Z only) which are buffered onto
IB0–IB4 when executing an I/O read from I/O address 8410 (hex),
system configuration.
GND
Ground
0 volts system ground.
VCC
Power Supply
5 volts ± 10% power supply.
Case U: Leaded Chip Carrier with Unformed Leads
Case Y: Leaded Chip Carrier with Gull-Wing Leads
Case Z: Pin Grid Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com