Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1754 Datasheet(PDF) 12 Page - Pyramid Semiconductor Corporation

Part # PACE1754
Description  SINGLE CHIP, 40MHz CMOS PROCESSOR INTERFACE CIRCUIT (PIC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1754 Datasheet(HTML) 12 Page - Pyramid Semiconductor Corporation

Back Button PACE1754 Datasheet HTML 8Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 9Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 10Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 11Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 12Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 13Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 14Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 15Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 16Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PACE1754
Page 12 of 20
Document # MICRO-5 REV C
PIN FUNCTIONS
Symbol
Name
Description
CPU CLK
CPU Clock
A single-phase input clock signal (0-40MHz, 40% to 60% duty cycle.)
STRBA
Strobe Address
An active HIGH input which latches the contents of IB(0:15) into the
address latches.
STRBD
Strobe Data
An active LOW input which is used for writing or reading data to or
from the device and also to produce the external memory and I/O
strobes.
TIMER CLK
Timer Clock
A 100KHz output (fixed frequency) based on the programmed
operating frequency of the CPU clock.
MEMW
Memory Write Strobe
An active LOW output produced in memory write cycles.
MEMR
Memory Read Strobe
An active LOW output produced in memory read cycles.
IOW
I/O Write Strobe
An active LOW output produced in output write cycles.
IOR
I/O Read Strobe
An active LOW output produced in input read cycles.
INTA
Interrupt Acknowledge
An active LOW output produced after any interrupt, corresponding to
Strobe
an output write to address 1000 (hex).
SCR EN
System Configuration
An active LOW output (in 64 pin only) produced any time an input
read from address 8410 (hex), read system configuration is
executed.
STRB EN
Strobe Enable
An active LOW input, enabling the active state of the address
outputs and the
MEMR, MEMQ, IOR, and IOW outputs. When at a
logic "1" (if enabled by bits EST, EAD of the control register) it will
correspondingly enable the three-state state of the above signals.
IB0 - IB15
Information Bus (0:15)
A bi-directional time multiplexed bus. It is an input during the
address phase of any bus cycle and also during the data phase
when writing. It is an output during the data phase when reading
from the device.
IB16
Information Bus (16)
A bi-directional line. It is an output during write cycles and an input
during read cycles. It is used to implement the parity function at the
system level.
A(0:1)/
Address Bus (0:15)
An active HIGH output bus. Contains the address of the current bus
EX AD(0:1),
cycle as latched by the end of STRBA. In system configurations
A(2:15)
including the MMU function, the only active lines during memory are
A(4:15). In this case, A(2:3) are high impedance (don't care) and
A(0:1) turn into inputs called Extended Addresses, EXT ADR (0:1).
In this case, these two lines supplied by the MMU, will be used to
operate the programmable ready generation during bus cycles.
M/
IO
Memory I/O
An input qualifier indicating the nature of the current bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com