Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1754 Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # PACE1754
Description  SINGLE CHIP, 40MHz CMOS PROCESSOR INTERFACE CIRCUIT (PIC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1754 Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  PACE1754 Datasheet HTML 1Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 2Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 3Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 4Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 5Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 6Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 7Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 8Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Document # MICRO-5 REV C
Revised November 2005
PACE1754
SINGLE CHIP, 40MHz CMOS
PROCESSOR INTERFACE CIRCUIT (PIC)
FEATURES
The PACE1754 (PIC) is a support chip for the
PACE1750A/AE Processor. It eliminates the SSI/
MSI Logic and external system functions
required in typical 1750A implementations.
Provides a significant savings in part-count and
power dissipation enhancing reliability and
overall system speed performance.
Provides an optimal interface when used with
the PACE1753 MMU/COMBO in a full 1750A
implementation.
Provides the following additional important
system functions:
— Programmable READY for memory and I/O
— Automatic READY during self-test and
internal I/O instructions
— 100KHz timer clock output provided
— Programmable system watchdog—ranges
from 1 µs to 1 minute
— Programmable Bus time-out function
— Memory Parity generation/detection
— Error detection of unimplemented memory
and/or I/O space addressing
— First failing memory address register for
diagnostics
— High drive three-state address latches
— Built-in system test program—automatically
tests the PACE1750A/AE CPU, PACE1753
MMU/COMBO, PACE1754 PIC and system
address lines as well as memory and I/O
strobes
— System configuration decoding and buffering
— Interrupt acknowledge decoder and strobe
— Start up ROM support per MIL-STD-1750A
— Memory or I/O READ/WRITE three-state
strobes with external three-state control for
DMA applications
20, 30 and 40 MHz operation over full Military
Temperature Range
Single 5V ± 10% Power Supply
Power Dissipation over Military Temperature
Range
< 0.25 watts at 20 MHz
< 0.30 watts at 30 MHz
< 0.35 watts at 40 MHz
Available in:
— 64-Pin DIP or Gull Wing (50 Mil Pin centers)
— 68-Pin Pin Grid Array (PGA) (100 Mil centers)
— 68-Lead Quad Pack
PACE1754 PROCESSOR INTERFACE
CIRCUIT DESCRIPTION
The PACE1754 Processor Interface Circuit (PIC) is a
single chip implementation of many special system
functions that are often required when using the
PACE1750A/AE,
single
chip,
40MHz
CMOS
Microprocessor. The PIC allows a system designer to
design a higher performance, more effecient
microprocessor system which uses less power and takes
up less board space than was previously possible.
In addition to providing significant savings in part count
and power dissipation the PIC uses only a 5V ±10%, single
supply and operates at 20, 30 and 40 MHz over the fully
Military Temperature Range. The PIC provides many
important system functions. These functions are governed
by respective bit positions in a programmable Control
Register which is incorporated in the PIC. The individual
bits of the control register are set to select the various
features and are set to a specified default value upon
Reset.


Similar Part No. - PACE1754

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PACE1750A PYRAMID-PACE1750A Datasheet
229Kb / 24P
SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
PACE1750AE PYRAMID-PACE1750AE Datasheet
230Kb / 25P
SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR
PACE1753 PYRAMID-PACE1753 Datasheet
187Kb / 21P
SINGLE CHIP, 40MHz CMOS MMU/COMBO
PACE1757M PYRAMID-PACE1757M Datasheet
651Kb / 34P
COMPLETE EMBEDDED CPU SUBSYSTEM
PACE1757ME PYRAMID-PACE1757ME Datasheet
651Kb / 34P
COMPLETE EMBEDDED CPU SUBSYSTEM
More results

Similar Description - PACE1754

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7010 NTE-NTE7010 Datasheet
24Kb / 3P
Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface
NTE7054 NTE-NTE7054 Datasheet
38Kb / 5P
Integrated Circuit Single Chip TV Processor
NTE844 NTE-NTE844 Datasheet
21Kb / 3P
Integrated Circuit Single Chip TV Chroma/Luminance Processor
logo
List of Unclassifed Man...
FX419 ETC-FX419 Datasheet
296Kb / 6P
SINGLE CHIP CMOS LSI CIRCUIT
logo
Pyramid Semiconductor C...
PACE1753 PYRAMID-PACE1753 Datasheet
187Kb / 21P
SINGLE CHIP, 40MHz CMOS MMU/COMBO
PACE1750AE PYRAMID-PACE1750AE Datasheet
230Kb / 25P
SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR
PACE1750A PYRAMID-PACE1750A Datasheet
229Kb / 24P
SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
logo
List of Unclassifed Man...
DM9010 ETC2-DM9010 Datasheet
1Mb / 61P
Single Chip Ethernet Controller with General Processor Interface
logo
rfsolutions.ltd
ISPICR1 RFSOLUTIONS-ISPICR1 Datasheet
47Kb / 4P
PIC IN CIRCUIT SERIAL PROGRAM ADAPTOR
logo
ams AG
AS2525 AMSCO-AS2525_1 Datasheet
461Kb / 27P
Single-Chip Handsfree Phone CMOS Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com