Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1754 Datasheet(PDF) 17 Page - Pyramid Semiconductor Corporation

Part # PACE1754
Description  SINGLE CHIP, 40MHz CMOS PROCESSOR INTERFACE CIRCUIT (PIC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1754 Datasheet(HTML) 17 Page - Pyramid Semiconductor Corporation

Back Button PACE1754 Datasheet HTML 12Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 13Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 14Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 15Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 16Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 17Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 18Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 19Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 20Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
PACE1754
Page 17 of 20
Document # MICRO-5 REV C
CASE OUTLINE U:
68 Lead Quad Pack with Straight Leads (Ordering Code QL)
NOTES:
1) Dimensions are in inches.
2) Metric equivalents are given for general information only.
3) Unless otherwise specified, tolerances are .02 (0.5 mm) for two place decimals and .005 (0.13 mm) for three place decimals.
4) Pin 1 indicator can be either rectangle, dot, or triangle at specified location or referenced to the uniquely beveled corner.
5) Corners indicated as notched may be either notched or square.
Inches
mm
.002
0.05
.004
0.10
.006
0.15
.010
0.25
.012
0.30
.020
0.51
.050
1.27
.100
2.54
.116
2.95
.250
6.40
.560
14.22
.570
14.48
.800
20.32
.955
24.25
1.090
27.69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com