Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1754 Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # PACE1754
Description  SINGLE CHIP, 40MHz CMOS PROCESSOR INTERFACE CIRCUIT (PIC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1754 Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  PACE1754 Datasheet HTML 1Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 2Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 3Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 4Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 5Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 6Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 7Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 8Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PACE1754
Page 3 of 20
Document # MICRO-5 REV C
DC ELECTRICAL SPECIFICATIONS (Over recommended operating conditions)
Symbol
Parameter
Min
Max
Unit
Conditions1
VIH
Input HIGH Voltage
2.0
VCC + 0.5
V
VIL
Input LOW Voltage
–0.5
0.8
V
VCD
Input Clamp Diode Voltage
–1.2
V
VCC = 4.5V, IIN = –18mA
2.4
V
VCC = 4.5V,
IOH = –8.0mA
VCC – 0.2
V
VIN = 0.8V, 2.0V
IOH = –300µA
Output LOW Voltage,
0.5
V
VCC = 4.5V,
IOL = 8.0mA
except A0 – A15
0.2
V
VIN = 0.8V, 2.0V
IOL = 300µA
Output LOW Voltage,
0.5
V
VCC = 4.5V,
IOL = 20.0mA
A0 – A15
0.2
V
VIN = 0.8V, 2.0V
IOL = 300µA
Input HIGH Current,
IIH
except IB0 – IB15, parity/IB16,10
µA
VIN = VCC,
SING ERR, A0/EXT AD0,VCC = 5.5V
A1/EXT AD1, STRBA
Input HIGH Current,
VIN = VCC,
IIH
IB0 – IB15, parity/IB16,50
µA
VCC = 5.5V
A0/EXT AD0, A1/EXT AD1
Input HIGH Current,
VIN = VCC,
STRBA, SING ERR
VCC = 5.5V
Input LOW Current,
IIL
except IB0 – IB15, parity/IB16,
–10
µA
VIN = GND,
SING ERR, A0/EXT AD0,VCC = 5.5V
A1/EXT AD1, STRBD, TEST ON
Input LOW Current,
VIN = GND,
IIL
IB0 – IB15, parity/IB16, SING ERR,
–50
µA
VCC = 5.5V
A0/EXT AD0, A1/EXT AD1
Input LOW Current,
VIN = GND,
STRBD, TEST ON
VCC = 5.5V
IOZH
Output Three-State Current
50
µA
VOUT = 2.4V, VCC = 5.5V
IOZL
Output Three-State Current
–50
µA
VOUT = 0.5V, VCC = 5.5V
Quiescent Power
VIN < 0.2V or > VCC – 0.2V
ICCQC
Supply Current
10
mA
f = 0MHz, Outputs Open,
(CMOS Input Levels)
VCC = 5.5V
Quiescent Power
VIN = 3.4V, f = 0MHz,
ICCQT
Supply Current
50
mA
All Inputs, Outputs Open,
(TTL Input Levels)
VCC = 5.5V
Dynamic Power
f = 20MHz
40
mA
VIN = 0V to VCC,
ICCD
Supply Current
f = 30MHz
50
mA
tr = tf = 2.5 ns typ.,
f = 40MHz
60
mA
Outputs Open, VCC = 5.5V
IOS
Output Short Circuit Current2
–25
mA
VOUT = GND, VCC = 5.5V
CIN
Input Capacitance
10
pF
Inputs Only
COUT
Output/Bi-directional
15
pF
Outputs Only
Capacitance
(Including I/O Buffers)
Notes:
1. 4.5V
≤ VCC ≤ 5.5V, –55°C ≤ TC ≤ +125°C. Unless otherwise specified, testing shall be conducted at worst-case conditions.
2. Duration of the short should not exceed one second; only one output may be shorted at a time.
VOH
Output HIGH Voltage
VOL
VOL
IIL
–500
µA
IIH
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com