Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86950GLVT Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP86950GLVT
Description  Intelli-Phase TM Solution, Monolithic Half-Bridge with Integrated Internal Power MOSFETs and Gate Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86950GLVT Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP86950GLVT Datasheet HTML 1Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 2Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 3Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 4Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 5Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 6Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 7Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 8Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP86950
– INTELLI-PHASETM SOLUTION
W/ INTEGRATED MOSFETS AND DRIVERS
MP86950 Rev. 1.0
www.MonolithicPower.com
3
12/18/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
TMON/FLT
Single-pin temperature sense and fault reporting.
2, 23
AGND
Analog ground.
3
VDD
Supply voltage (3.3V) for the internal circuitry. Decouple VDD using a 1µF or
greater ceramic capacitor connected to AGND.
4
VDRV
Driver voltage. Connect the VDRV pin to the 3.3V supply. Decouple VDRV with a
1μF to 4.7μF ceramic capacitor.
5, 24, 27
NC
No connection.
6, 7, 13,
14, 15, 26
PGND
Power ground.
8, 9, 10,
11, 12
SW
Switch output.
16, 17, 18
VIN
Supply voltage. Place a ceramic input capacitor (CIN) close to the device to support
the switching current and minimize parasitic inductance.
19
PHASE
Switching node for the bootstrap capacitor connection. The PHASE pin is
connected to the SW pin internally.
20
BST
Bootstrap. The BST pin requires a 0.1µF to 1µF capacitor to drive the power
switch’s gate above the supply voltage. Connect BST to the capacitor between
PHASE and BST to form a floating supply across the switch driver.
21
PWM
Pulse-width modulation input. Float the PWM pin or drive PWM to a middle state
to enable diode emulation mode.
22
EN
Enable. Pull the EN pin low to disable the device and put SW in a high-impedance
state.
25
CS
Current-sense output. The CS pin has a bi-directional current output proportional
to the inductor current. Connect this pin to the PWM controller
’s current sense input.
Connect a resistor to a common mode voltage, so that the differential voltage is
proportional to the inductor current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com