Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86950GLVT Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP86950GLVT
Description  Intelli-Phase TM Solution, Monolithic Half-Bridge with Integrated Internal Power MOSFETs and Gate Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86950GLVT Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP86950GLVT Datasheet HTML 1Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 2Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 3Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 4Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 5Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 6Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 7Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 8Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP86950
Intelli-PhaseTM Solution,
Monolithic Half-Bridge with Integrated
Internal Power MOSFETs and Gate Drivers
MP86950 Rev. 1.0
www.MonolithicPower.com
1
12/18/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP86950 is a monolithic half-bridge with
built-in internal power MOSFETs and gate
drivers.
The
MP86950
achieves
50A
of
continuous output current over a wide input
supply range (4.5V to 16V).
The MP86950 is a monolithic IC that can drive
up to 50A of current per phase. The integrated
MOSFETs and drivers achieve high efficiency
through optimized dead time and reduced
parasitic inductance. The MP86950 has an
operating range of 100kHz to 2MHz.
The MP86950 offers many features to simplify
system design. The MP86950 is compatible
with tri-state pulse-width modulation (PWM)
signal controllers, has an Accu-SenseTM current
sense to monitor the inductor current, and has a
temperature
sense
to
report
the
junction
temperature.
The MP86950 is ideal for server applications
where high efficiency and small size are critical.
The MP86950 is available in a small TLGA-27
(4mmx5mm) package.
FEATURES
 Wide 4.5V to 16V Operating Input Range
 50A Output Current
 Current Sense with Accu-SenseTM
 Temperature Sense
 Accepts Tri-State Pulse-Width Modulation
(PWM) Signal
 Current-Limit Protection
 Over-Temperature Protection (OTP)
 Fault Reporting
 Available in a TLGA-27 (4mmx5mm)
Package
APPLICATIONS
 Server Core Voltages
 Graphic Card Core Regulators
 Power Modules
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
VDRV
AGND
VDD


Similar Part No. - MP86950GLVT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
MP86952GMJ MPS-MP86952GMJ Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
MP86952GMJ-P MPS-MP86952GMJ-P Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
MP86952GMJ-Z MPS-MP86952GMJ-Z Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
More results

Similar Description - MP86950GLVT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035A TI1-LM5035A_14 Datasheet
1Mb / 38P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C TI-LM5035C_15 Datasheet
1Mb / 35P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM25101A TI1-LM25101A_15 Datasheet
1Mb / 26P
Half-Bridge Gate Drivers
logo
Monolithic Power System...
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com