Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86950GLVT Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP86950GLVT
Description  Intelli-Phase TM Solution, Monolithic Half-Bridge with Integrated Internal Power MOSFETs and Gate Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86950GLVT Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP86950GLVT Datasheet HTML 7Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 8Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 9Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 10Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 11Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 12Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 13Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 14Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP86950
– INTELLI-PHASETM SOLUTION
W/ INTEGRATED MOSFETS AND DRIVERS
MP86950 Rev. 1.0
www.MonolithicPower.com
11
12/18/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
25°C. For example, the TMON/FLT is 0.8V at TJ
= 25°C, and 1.4V at TJ = 100°C.
Fault Function
When a fault occurs, TMON/FLT is pulled to
VDD to report the fault event, regardless of the
junction
temperature.
TMON/FLT
monitors
three different fault events: over-current, over-
temperature, and SW to PGND short.
1. Over-current fault: Four consecutive current
limit faults trigger an over-current fault.
Once a fault occurs, the part latches off to
turn off the HS-FET. The LS-FET turns off
when the inductor current reaches 0A.
2. Over-temperature fault: At TJ > 160°C, once
a fault occurs, the part latches off to turn off
the HS-FET. The LS-FET turns off when the
inductor current reaches 0A.
3. SW to PGND short: Once a fault occurs, the
part latches off to turn off the HS-FET.
The fault latch does not reset when it enters
standby mode. The fault latch can be released
by cycling the power on VIN or VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com