Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86950GLVT Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP86950GLVT
Description  Intelli-Phase TM Solution, Monolithic Half-Bridge with Integrated Internal Power MOSFETs and Gate Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86950GLVT Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP86950GLVT Datasheet HTML 1Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 2Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 3Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 4Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 5Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 6Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 7Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 8Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP86950
– INTELLI-PHASETM SOLUTION
W/ INTEGRATED MOSFETS AND DRIVERS
MP86950 Rev. 1.0
www.MonolithicPower.com
5
12/18/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VDRV = VDD = VEN = 3.3V, tested at TA = 25°C for typical values and TJ = -40°C to +125°C
for minimum and maximum values, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
IIN shutdown
IVIN_OFF
EN = low
40
μA
VIN under-voltage
lockout (UVLO) rising
threshold
2.5
3.0
V
VIN UVLO hysteresis
threshold
600
mV
Quiescent current
IVDRV
EN = low
60
μA
IVDRV
PWM = low
4
5.08
mA
VDD voltage UVLO rising
threshold
2.75
2.95
V
VDD voltage UVLO
hysteresis threshold
275
mV
High-side (HS) current
limit (5)
ILIM_FLT
Cycle-by-cycle, up to four cycles
75
A
Low-side (LS) current
limit (5)
Negative cycle-by-cycle current
limit, no fault report
-30
A
Negative LS current limit
off time (5)
40
ns
HS current limit
shutdown counter (5)
4
times
EN input low voltage
0.8
V
EN input high voltage
2.30
V
Dead time rising (5)
3
ns
Dead time falling (5)
Positive inductor current
6
ns
Negative inductor current
35
ns
PWM high to SW rising
delay (5)
tRISING
15
ns
PWM low to SW falling
delay (5)
tFALLING
15
ns
PWM tri-state to SW Hi-Z
delay (5)
tLT
40
ns
tTL
20
ns
tHT
40
ns
tTH
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com