Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86950GLVT Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP86950GLVT
Description  Intelli-Phase TM Solution, Monolithic Half-Bridge with Integrated Internal Power MOSFETs and Gate Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86950GLVT Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP86950GLVT Datasheet HTML 2Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 3Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 4Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 5Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 6Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 7Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 8Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 9Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP86950
– INTELLI-PHASETM SOLUTION
W/ INTEGRATED MOSFETS AND DRIVERS
MP86950 Rev. 1.0
www.MonolithicPower.com
6
12/18/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VDRV = VDD = VEN = 3.3V, tested at TA = 25°C for typical values and TJ = -40°C to +125°C
for minimum and maximum values, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
PWM minimum pulse
width (5)
20
ns
Current-Sense (CS) sense
gain accuracy
15A
≤ IOUT ≤ 50A
-2
0
+2
%
CS gain
10
μA/A
CS offset
IOUT = 0A
-7
+7
μA
CS voltage range (5)
VCS
0.7
2.1
V
TMON/FLT sense gain (5)
8
mV/°C
TMON/FLT sense offset (5)
TJ = 25°C
800
mV
Over-temperature
shutdown and fault flag (5)
160
°C
Over-temperature
hysteresis threshold (5)
30
°C
PWM input current
IPWM
VPWM = 3.3V, VEN = 3.3V
660
μA
VPWM = 0V, VEN = 3.3V
-550
μA
PWM logic high voltage
2.35
V
PWM tri-state region
1.10
1.90
V
PWM logic low voltage
0.80
V
TMON/FLT pull-up voltage
Sink 0.5mA,
500m
Ω pull-up resistor
VDD - 0.25
V
Note:
5) Guaranteed by design or characterization data; not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com