Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86950GLVT Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP86950GLVT
Description  Intelli-Phase TM Solution, Monolithic Half-Bridge with Integrated Internal Power MOSFETs and Gate Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86950GLVT Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP86950GLVT Datasheet HTML 6Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 7Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 8Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 9Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 10Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 11Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 12Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 13Page - Monolithic Power Systems MP86950GLVT Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP86950
– INTELLI-PHASETM SOLUTION
W/ INTEGRATED MOSFETS AND DRIVERS
MP86950 Rev. 1.0
www.MonolithicPower.com
10
12/18/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MP86950 is a 50A, monolithic, half-bridge
driver with integrated power MOSFETs. It is
ideal
for
multi-phase
buck
regulator
applications.
An external 3.3V supply is required to supply
both the VDD and VDRV pins. Operation
begins when the EN pin transitions from low to
high, and the VDD and VIN signals are higher
than the UVLO rising threshold.
Pulse-Width Modulation (PWM)
The pulse-width modulation (PWM) input can
operate as a tri-state input. When the PWM
input signal is within the tri-state threshold
window (tHT or tLT) for 40ns, the high-side
MOSFET (HS-FET) turns off and the low-side
MOSFET (LS-FET) enters diode emulation
mode. The LS-FET remains in diode emulation
mode until zero-current detection (ZCD). The
tri-state PWM input can come from a forced
middle-voltage PWM signal or can be made by
floating the PWM input so the internal current
source charges the signal to a middle voltage.
Figure 2 shows the propagation delay definition
from PWM to the SW node.
tRISING
tFALLING
tLT
tTH
tHT
tTL
SW
PWM
Hi-Z
Hi-Z
Figure 2: PWM Timing Diagram
Diode Emulation Mode
In diode emulation mode, PWM is in a tri-state
input. The LS-FET turns on if the inductor
current is positive. The LS-FET turns off if the
inductor current is negative or after the inductor
current crosses the ZCD threshold. Diode
emulation mode can be enabled by driving the
PWM pin to a middle state or floating PWM.
Current Sense (CS)
The
MP86950’s current sense (CS) is a
bidirectional current source proportional to the
inductor current. The current-sense gain (GCS)
is 10
μA/A. Typically, a resistor (RCS) from CS to
an external voltage is used to sink small
currents to provide a 0.7V to 2.1V voltage level
shift to meet the CS operating voltage. The CS
voltage range keeps the CS output current
linearly proportional to the inductor current.
The proper reference voltage (VCM) connected
to RCS can be calculated with Equation (1).
2.1V
V
R
I
0.7V
CM
CS
CS
(1)
ICS can be estimated with Equation (2):
CS
L
CS
I
I
G

(2)
The Intelli-PhaseTM CS output is used by the
controller to accurately monitor the output
current. The cycle-by-cycle current information
from CS is used for phase-current balancing,
over-current
protection,
and
active
voltage
positioning (output-voltage droop).
Positive
and
Negative
Inductor
Current
Limits
If an HS-FET over-current condition is detected
for four consecutive cycles, the HS-FET latches
off and the TMON/FLT pin is pulled high to
VDD
’s voltage level. The LS-FET turns on until
ZCD, and then turns off. Recycling the power
on VIN, VDD, or VDRV, or toggling EN releases
the latch and restarts the device.
If a -30A current is detected, the LS-FET turns
off for 40ns to limit the negative current. The
LS-
FET’s negative current limit will not trigger a
fault report.
Over-Temperature Protection (OTP)
When the junction temperature reaches the
over-temperature
threshold,
the
HS-FET
latches off, the TMON/FLT pin is pulled high to
VDD, and the LS-FET turns on until ZCD.
Temperature-Sense
Output
with
Fault
Indicator (TMON/FLT)
The TMON/FLT pin has dual functions. It acts
as the device
’s junction temperature sense and
fault function. These functions are described
below.
Junction Temperature Sense
The TMON/FLT voltage output is proportional to
the junction temperature if VDD exceeds its
UVLO threshold and the part is in active mode.
The gain is 8mV/°C with a 800mV offset at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com