Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9005ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL9005ACPZN-R7
Description  Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9005ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL9005ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADL9005
SPECIFICATIONS
analog.com
Rev. A | 3 of 24
0.01 GHZ TO 14 GHZ
Drain voltage (VDD) = 5 V, bias voltage (VBIAS) = 5 V, total current (IDQ) = 80 mA, RBIAS = 300 Ω, and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.01
14
GHz
GAIN
15.5
17.5
dB
Gain Variation Over Temperature
0.0077
dB/°C
RETURN LOSS
Input
15
dB
Output
14
dB
OUTPUT
OP1dB
11.5
13.5
dBm
PSAT
16
dBm
OIP3
26
dBm
Measurement taken at output power (POUT) per tone = 0 dBm
NOISE FIGURE
2.5
dB
14 GHZ TO 20 GHZ
VDD = 5 V, VBIAS = 5 V, IDQ = 80 mA, RBIAS = 300 Ω, and TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
14
20
GHz
GAIN
16.5
18.5
dB
Gain Variation Over Temperature
0.0127
dB/°C
RETURN LOSS
Input
15
dB
Output
14
dB
OUTPUT
OP1dB
11
13.5
dBm
PSAT
15
dBm
OIP3
25
dBm
Measurement taken at POUT per tone = 0 dBm
NOISE FIGURE
3
dB
20 GHZ TO 26.5 GHZ
VDD = 5 V, VBIAS = 5 V, IDQ = 80 mA, RBIAS = 300 Ω, and TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
20
26.5
GHz
GAIN
17
19
dB
Gain Variation Over Temperature
0.0214
dB/°C
RETURN LOSS
Input
15
dB
Output
14
dB
OUTPUT
OP1dB
8.5
11.5
dBm
PSAT
14
dBm
OIP3
22
dBm
Measurement taken at POUT per tone = 0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com