Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9005ACPZN-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL9005ACPZN-R7
Description  Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9005ACPZN-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL9005ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADL9005
APPLICATIONS INFORMATION
analog.com
Rev. A | 23 of 24
PROVIDING DRAIN BIAS THROUGH THE
ACG4/VDD2 PIN
An alternative way to bias the ADL9005 is through the ACG4/VDD2
pin (Pin 24), which is shown in Figure 78. Because of the voltage
drop across the internal bias resistor, a higher VDD is required. If a
300 Ω bias resistor (R1) is used and connected to the 5 V power
supply, which results in a total current of 80 mA, a VDD of 8.5 V is
recommended. R1 can also be connected to the VDD of 8.5 V. In
this case, to set IDQ to 80 mA, use an R1 value of 850 Ω on RBIAS.
The performance of this circuit is summarized in Figure 67 to Figure
72.
Figure 78. Providing Resistive Drain Bias Through the ACG4/VDD2 Pin
POWER-UP AND POWER-DOWN SEQUENCING
Apply the RF input signal after the main supply voltage and the
voltage driving RBIAS (R1 in Figure 74 and Figure 78) and remove
the RF input signal before the main supply voltage and the voltage
on RBIAS are turned off. The voltage on RBIAS can either be applied
simultaneously with VDD or after VDD is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com