Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9005ACPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL9005ACPZN-R7
Description  Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9005ACPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL9005ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
ADL9005
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 10 of 24
Figure 19. Output Return Loss vs. Frequency at Various VDD, IDQ = 80mA,
0.01 GHz to 28 GHz
Figure 20. Reverse Isolation (S12) vs. Frequency for Various Temperatures,
10 MHz to 200 MHz, VDD = 5 V, VBIAS = 5 V, IDQ = 80 mA, RBIAS = 300 Ω
Figure 21. Reverse Isolation vs. Frequency for Various VDD, IDQ = 80 mA, 0.01
GHz to 28 GHz
Figure 22. Output Return Loss vs. Frequency for Various Bias Resistor
Values and IDQ, 0.01 GHz to 28 GHz, VDD = 5 V
Figure 23. Reverse Isolation vs. Frequency for Various Temperatures, 0.2
GHz to 28 GHz, VDD = 5 V, VBIAS = 5 V, IDQ = 80 mA, RBIAS = 300 Ω
Figure 24. Reverse Isolation vs. Frequency for Various Bias Resistor Values
and IDQ, 0.01 GHz to 28 GHz, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com