Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9005ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL9005ACPZN-R7
Description  Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9005ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL9005ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet
ADL9005
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Single positive supply
►
Low noise figure: 2.5 dB typical from 0.01 GHz to 14 GHz
►
High gain: 17.5 dB typical from 0.01 GHz to 14 GHz
►
OP1dB: 13.5 dBm typical from 0.01 GHz to 20 GHz
►
High OIP3: 26 dBm typical from 0.01 GHz to 14 GHz
►
RoHS-compliant, 4 mm × 4 mm, LFCSP
APPLICATIONS
►
Test instrumentation
►
Military
►
Communications
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADL9005 is a gallium arsenide (GaAs), monolithic microwave
integrated circuit (MMIC), pseudomorphic high electron mobility
transistor (pHEMT), wideband, LNA that operates from 0.01 to 26.5
GHz. The ADL9005 provides a typical gain of 17.5 dB from 0.01
GHz to 14 GHz with a positive gain slope from 14 GHz to 20 GHz,
a 13.5 dBm typical output power at 1 dB compression (OP1dB)
from 0.01 GHz to 20 GHz, a 2.5 dB typical noise figure from 0.01
GHz to 14 GHz, and a typical output third-order intercept (OIP3) of
26 dBm from 0.01 GHz to 14 GHz, requiring only 80 mA from a
5 V supply voltage. The saturated output power (PSAT) of up to 16
dBm enables the LNA to function as a local oscillator (LO) driver
for many of Analog Devices, Inc., balanced, inphase/quadrature
(I/Q) or image rejection mixers. The ADL9005 also features inputs
and outputs (I/Os) that are internally matched to 50 Ω, making it
ideal for surface-mounted technology (SMT)-based, high capacity
microwave radio applications.
The ADL9005 is housed in a RoHS-compliant, 4 mm × 4 mm,
LFCSP.
Multifunction pin names may be referenced by their relevant func-
tion only.


Similar Part No. - ADL9005ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL9005ACPZN-R7 AD-ADL9005ACPZN-R7 Datasheet
616Kb / 24P
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
2/2021-Revision 0
More results

Similar Description - ADL9005ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
logo
Custom MMIC Design Serv...
CMD275 MMIC-CMD275 Datasheet
253Kb / 10P
DC-26.5 GHz Low Phase Noise Amplifier
CMD275P4 MMIC-CMD275P4 Datasheet
275Kb / 10P
DC-26.5 GHz Low Phase Noise Amplifier
logo
Analog Devices
ADL9005 AD-ADL9005 Datasheet
616Kb / 24P
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
2/2021-Revision 0
logo
Qorvo, Inc
CMD275P4 QORVO-CMD275P4 Datasheet
275Kb / 10P
DC-26.5 GHz Low Phase Noise Amplifier
CMD275 QORVO-CMD275 Datasheet
302Kb / 11P
DC-26.5 GHz Low Phase Noise Amplifier
logo
Analog Devices
HMC-C582 AD-HMC-C582 Datasheet
214Kb / 10P
0.01 GHz to 20 GHz, Ultra Wideband Power Amplifier Module
9/2016-Revision 0
HMC8413 AD-HMC8413 Datasheet
621Kb / 21P
Low Noise Amplifier, 0.01 GHz to 9 GHz
10/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com